Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPPM0110DWP Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPPM0110DWP
Szczegółowy opis  DUAL LOW-DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPPM0110DWP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPPM0110DWP Datasheet HTML 6Page - Texas Instruments TPPM0110DWP Datasheet HTML 7Page - Texas Instruments TPPM0110DWP Datasheet HTML 8Page - Texas Instruments TPPM0110DWP Datasheet HTML 9Page - Texas Instruments TPPM0110DWP Datasheet HTML 10Page - Texas Instruments TPPM0110DWP Datasheet HTML 11Page - Texas Instruments TPPM0110DWP Datasheet HTML 12Page - Texas Instruments TPPM0110DWP Datasheet HTML 13Page - Texas Instruments TPPM0110DWP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TPPM0110
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS365 –MARCH 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
packaging
To maximize the efficiency of this package for application on a single layer or multilayer PCB, certain guidelines
must be followed.
The following information is to be used as a guideline only. For further information, refer to the PowerPAD
concept implementation document.
multilayer PCB
The following are guidelines for mounting the PowerPAD IC on a multilayer PCB with a ground plane.
Solid Pad (Land Pattern)
Package Thermal Pad
Thermal Vias
Via = 0,33 mm Diameter
Minimum Pitch Between
Vias is 1,52 mm
Package Outline
Figure 8. Package and Land Configuration for a Multilayer PCB
4
Plane
0,18 mm
(Square)
Package Solder Pad
Component Traces
Thermal Via
Thermal Isolation
Power Plane Only
Package Solder Pad
(Bottom Trace)
2
Plane
1,5038 – 1,5748 mm
Component Trace
(2 oz Cu)
1,0142 – 1,0502 mm
Ground Plane
(1 oz Cu)
0,5246 – 0,5606 mm
Power Plane
(1 oz Cu)
0 – 0,071 mm
Board Base and
Bottom Pad
1,5748 mm
Figure 9. Multilayer Board (Side View)


Podobny numer części - TPPM0110DWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Podobny opis - TPPM0110DWP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com