Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM7008 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części ADM7008
Szczegółowy opis  Octal Ethernet 10/100M PHY
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ADM7008 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ADM7008 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
ADM7008
Product Review
Chapter 1
Product Overview
1.1
Overview
The ADM7008 is a single chip eight port 10/100M PHY, which is designed for today’s
low cost and low power dual speed application.
It supports eight auto sensing 10/100 Mbps ports with on-chip clock recovery and base
line wander correction including integrated MLT-3 functionality for 100 Mbps operation.
It also supports Manchester Code Converter with on chip clock recovery circuitry for 10
Mbps functionality, provides Reduced MII (RMII), Serial MII (SMII) and Source
Synchronous MII (SS_SMII) interface to facilitate high port count switch system
application and reduce the pin number simultaneously.
For today’s Information Application (IA), ADM7008 also supports “Auto Cross Over
Detection” function to eliminate the technical barrier between networking and the end
user. With the aid of this auto cross over detection function, Plug-n-Play features can be
easily applied to IA relative products.
To make the user interface as friendly as possible, ADM7008 provides cable length
information for CAT5 cable and also detects that the wire connection on the RJ-45 is
broken or not. This function is specifically helpful in system debugging, especially for
high port count approach system debugging.
The major design goal for ADM7008 is to reduce the power consumption and system
radiation for the whole system. With the aid of this low power consumption and low
radiation chip, fan and on-system power supply can be removed to save the total
manufacture cost and make SOHO application achievable.
ADMtek Inc.
1-1


Podobny numer części - ADM7008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
ADM700X INFINEON-ADM700X Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results

Podobny opis - ADM7008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Realtek Semiconductor C...
RTL8152B-VB-CG REALTEK-RTL8152B-VB-CG Datasheet
515Kb / 27P
   INTEGRATED 10/100M ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11015 ASIX-AX11015 Datasheet
165Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com