Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC58NVG1S8BFT00 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC58NVG1S8BFT00
Szczegółowy opis  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG1S8BFT00 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC58NVG1S8BFT00 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 3Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 4Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 5Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 6Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 7Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 8Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TC58NVG1S3BFT00/TC58NVG1S8BFT00
2003-10-30A
5
AC CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(Ta
= 0 to 70℃, VCC = 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
MAX
UNIT
NOTES
tCLS
CLE Setup Time
0
ns
tCLH
CLE Hold Time
10
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
10
ns
tWP
Write Pulse Width
25
ns
tALS
ALE Setup Time
0
ns
tALH
ALE Hold Time
10
ns
tDS
Data Setup Time
20
ns
tDH
Data Hold Time
10
ns
tWC
Write Cycle Time
50
ns
tWH
WE High Hold Time
15
ns
tWW
WP High to WE Low
100
ns
tRR
Ready to RE Falling Edge
20
ns
tRW
Ready to WE Falling Edge
20
ns
tRP
Read Pulse Width
35
ns
tRC
Read Cycle Time
50
ns
tREA
RE Access Time
35
ns
tCEA
CE Access Time
45
ns
tCLEA
CLE Access Time
45
ns
tALEA
ALE Access Time
45
ns
tOH
Data Output Hold Time
10
ns
tRHZ
RE High to Output High Impedance
30
ns
tCHZ
CE High to Output High Impedance
20
ns
tREH
RE High Hold Time
15
ns
tIR
Output-High-impedance-to- RE Falling Edge
0
ns
tRHW
RE High to WE Low
30
ns
tWHC
WE High to CE Low
30
ns
tWHR
WE High to RE Low
30
ns
tR
Memory Cell Array to Starting Address
25
µs
tWB
WE High to Busy
200
ns
tRST
Device Reset Time (Ready/Read/Program/Erase)
6/6/10/500
µs


Podobny numer części - TC58NVG1S8BFT00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC58NVG1S3EBAI4 TOSHIBA-TC58NVG1S3EBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
497Kb / 65P
   2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58NVG1S3ETAI0 TOSHIBA-TC58NVG1S3ETAI0 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
KIOXIA Corporation
TC58NVG1S3HBAI4 KIOXIA-TC58NVG1S3HBAI4 Datasheet
538Kb / 66P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Podobny opis - TC58NVG1S8BFT00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208A TOSHIBA-TC55NEM208A Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com