Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N02M0818L1AN Arkusz danych(PDF) 3 Page - NanoAmp Solutions, Inc.

Numer części N02M0818L1AN
Szczegółowy opis  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M0818L1AN Arkusz danych(HTML) 3 Page - NanoAmp Solutions, Inc.

  N02M0818L1AN Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02M0818L1AN Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Stock No. 23208-01 11/01/02
NanoAmp Solutions, Inc.
N02M0818L1A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
240oC, 10sec(Lead only)
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Core Supply Voltage
VCC
1.4
1.8
2.3
V
I/O Supply Voltage
VCCQ
VCCQ > or = VCC
1.4
1.8
3.6
V
Data Retention Voltage
VDR
Chip Disabled3
1.2
V
Input High Voltage
VIH
VCCQ-0.6
VCCQ+0.3
V
Input Low Voltage
VIL
–0.3
0.6
V
Output High Voltage
VOH
IOH = 0.2mA
VCCQ–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.1
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.1
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
1.5
2.5
mA
Read/Write Operating Supply Current
@ 85 ns Cycle Time2
ICC2
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
10.0
13.0
mA
Page Mode Operating Supply Current
@ 85 ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
3.5
mA
Read/Write Quiescent Operating Sup-
ply Current3
3. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all
inputs must be within 0.2 volts of either VCC or VSS.
ICC4
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0,
f = 0
0.2
µA
Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 2.3 V
0.2
20.0
µA
Data Retention Current3
IDR
VCC = 1.8V, VIN = VCC or 0
Chip Disabled, tA= 85oC
0.1
1.0
µA


Podobny numer części - N02M0818L1AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AD NANOAMP-N02M0818L2AD Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AD-85I NANOAMP-N02M0818L2AD-85I Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AN NANOAMP-N02M0818L2AN Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AN-85I NANOAMP-N02M0818L2AN-85I Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Podobny opis - N02M0818L1AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com