Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N02M0818L2A Arkusz danych(PDF) 1 Page - NanoAmp Solutions, Inc.

Numer części N02M0818L2A
Szczegółowy opis  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M0818L2A Arkusz danych(HTML) 1 Page - NanoAmp Solutions, Inc.

  N02M0818L2A Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M0818L2A Datasheet HTML 8Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
(DOC#14-02-036 Rev C ECN#01-0887)
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
N02M0818L2A
2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM
256Kx8 bit
Overview
The N02M0818L2A is an integrated memory
device intended for implanted life-support (Class 3)
medical applications. This device comprises a 2
Mbit Static Random Access Memory organized as
262,144 words by 8 bits. The device is designed
and fabricated using NanoAmp’s advanced CMOS
technology with reliability inhancements for
medical users. The base design is the same as
NanoAmp’s N02M0818L1A, which is intended for
non life-support (Class 1 and 2) medical
applications. The device operates with two chip
enable (CE1 and CE2) controls and output enable
(OE) to allow for easy memory expansion. The
N02M0818L2A is optimal for various applications
where low-power is critical such as implanted
pacemaker devices. The device can operate over a
very wide temperature range of -20oC to +60oC
and is available in die form as well as in JEDEC
standard packages compatible with other standard
256Kb x 8 SRAMs
Features
• Single Wide Power Supply Range
1.3 to 2.3 Volts
• Very low standby current
200nA typical at 2.1V and 37 deg C
• Very low operating current
1 mA at 2.0V and 1µs (Typical)
• Very low Page Mode operating current
0.5mA at 1.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.0V
• Automatic power down to standby mode
• TTL compatible three-state output driver
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current
(ISB)
Operating
Current (Icc),
Max
N02M0818L2AN
32 - STSOP I
-20oC to +60oC
1.3V - 2.3V
100ns @ 1.65V
500ns @ 1.3V
450nA @
2.3V
2.5 mA @ 1MHz
N02M0818L2AD Known Good Die
A11
A9
A8
A13
WE
CE2
A15
Vcc
A17
A16
A14
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
Vss
I/O2
I/O1
I/O0
A0
A1
A2
A3
N02M0818L2A
STSOP
Pin Descriptions
Pin Name
Pin Function
A0-A17
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
I/O0-I/O7
Data Inputs/Outputs
VCC
Power
VSS
Ground


Podobny numer części - N02M0818L2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Podobny opis - N02M0818L2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com