Zakładka z wyszukiwarką danych komponentów |
|
N04L163WC2AB2 Arkusz danych(PDF) 6 Page - NanoAmp Solutions, Inc. |
|
N04L163WC2AB2 Arkusz danych(HTML) 6 Page - NanoAmp Solutions, Inc. |
6 / 11 page (DOC# 14-02-017 REV G ECN# 01-1268) 6 The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com. NanoAmp Solutions, Inc. N04L163WC2A Timing Test Conditions Item Input Pulse Level 0.1VCC to 0.9 VCC Input Rise and Fall Time 5ns Input and Output Timing Reference Levels 0.5 VCC Output Load CL = 30pF Operating Temperature -40 to +85 oC Timing Item Symbol -70 Units 2.3 - 2.65 V 2.7 - 3.6 V Min. Max. Min. Max. Read Cycle Time tRC 85 70 ns Address Access Time tAA 85 70 ns Chip Enable to Valid Output tCO 85 70 ns Output Enable to Valid Output tOE 30 25 ns Byte Select to Valid Output tLB, tUB 85 70 ns Chip Enable to Low-Z output tLZ 10 10 ns Output Enable to Low-Z Output tOLZ 55 ns Byte Select to Low-Z Output tLBZ, tUBZ 10 10 ns Chip Disable to High-Z Output tHZ 0 20 0 20 ns Output Disable to High-Z Output tOHZ 0 20 0 20 ns Byte Select Disable to High-Z Output tLBHZ, tUBHZ 0 20 0 20 ns Output Hold from Address Change tOH 10 10 ns Write Cycle Time tWC 85 70 ns Chip Enable to End of Write tCW 50 50 ns Address Valid to End of Write tAW 50 50 ns Byte Select to End of Write tLBW, tUBW 50 50 ns Write Pulse Width tWP 40 40 ns Address Setup Time tAS 00 ns Write Recovery Time tWR 00 ns Write to High-Z Output tWHZ 20 20 ns Data to Write Time Overlap tDW 40 40 ns Data Hold from Write Time tDH 00 ns End Write to Low-Z Output tOW 55 ns |
Podobny numer części - N04L163WC2AB2 |
|
Podobny opis - N04L163WC2AB2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |