Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N04Q1625C2BT2-15C Arkusz danych(PDF) 3 Page - NanoAmp Solutions, Inc.

Numer części N04Q1625C2BT2-15C
Szczegółowy opis  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NANOAMP [NanoAmp Solutions, Inc.]
Strona internetowa  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1625C2BT2-15C Arkusz danych(HTML) 3 Page - NanoAmp Solutions, Inc.

  N04Q1625C2BT2-15C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1625C2BT2-15C Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Stock No. 23451-B 2/06
3
The specification is ADVANCE INFORMATION and subject to change without notice.
NanoAmp Solutions, Inc.
N04Q16yyC2B
Advance Information
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
UB1
LB1
I/O0 - I/O151
1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7
are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown.
MODE
POWER
H
X
XX
XX
High Z
Standby2
2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally
isolated from any external influence and disabled from exerting any influence externally.
Standby
X
L
XX
XX
High Z
Standby2
Standby
L
H
X
X
H
H
High Z
Standby
Standby
LHL
X3
3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
L1
L1
Data In
Write3
Active
LH
HL
L1
L1
Data Out
Read
Active
LH
H
H
L1
L1
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Address
Inputs
(A1 - A4)
Address
Inputs
(A0, A5 - A17)
Word
Address
Decode
Logic
4Mb
RAM Array
Input/
Output
Mux
and
Buffers
Page
Address
Decode
Logic
Control
Logic
CE1
CE2
WE
OE
UB
LB
I/O0 - I/O7
I/O8 - I/O15


Podobny numer części - N04Q1625C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1612C2BX-15C AMI-N04Q1612C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-15C AMI-N04Q1618C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C AMI-N04Q1618C2BX-70C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-85C AMI-N04Q1618C2BX-85C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Podobny opis - N04Q1625C2BT2-15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com