Zakładka z wyszukiwarką danych komponentów |
|
N04Q1630C2BW-70I Arkusz danych(PDF) 5 Page - NanoAmp Solutions, Inc. |
|
N04Q1630C2BW-70I Arkusz danych(HTML) 5 Page - NanoAmp Solutions, Inc. |
5 / 13 page Stock No. 23451-B 2/06 5 The specification is ADVANCE INFORMATION and subject to change without notice. NanoAmp Solutions, Inc. N04Q16yyC2B Advance Information Power Consumption (T A = 0 oC - 70oC) Device PN Speed Typ1 Max N04Q1612C2Bx- 15C Standby Current2 Isb Chip Disabled VCC = 1.3V, VIN = VCC or 0 50 500 nA Read/Write Current3 Icc Chip Enabled, IOUT = 0 VCC=1.3V, VIN=VIH or VIL 1us 0.4 0.5 mA 150ns 2 3 Page Mode Current Iccp Chip Enabled, IOUT = 0 VCC=1.3V, VIN=VIH or VIL 1us 80 100 µA 150ns 300 450 N04Q1618C2Bx- 15C Standby Current Isb Chip Disabled VCC = 1.9V, VIN = VCC or 0V 50 500 nA Read/Write Current Icc Chip Enabled, IOUT = 0 VCC=1.9V, VIN=VIH or VIL 1us 0.4 0.5 mA 150ns 2 3 Page Mode Current Iccp Chip Enabled, IOUT = 0 VCC=1.9V, VIN=VIH or VIL 1us 80 100 µA 150ns 400 500 N04Q1618C2Bx- 70C Standby Current Isb Chip Disabled VCC = 1.9V, VIN = VCC or 0 0.2 1.5 µA Read/Write Current Icc Chip Enabled, IOUT = 0 VCC=1.9V, VIN=VIH or VIL 1us 0.6 0.9 mA 70ns 6 7 Page Mode Current Iccp Chip Enabled, IOUT = 0 VCC=1.9V, VIN=VIH or VIL 1us 0.1 0.2 mA 70ns 0.8 1 N04Q1625C2Bx- 15C Standby Current Isb Chip Disabled VCC = 2.8V, VIN = VCC or 0 0.8 1.0 µA Read/Write Current Icc Chip Enabled, IOUT = 0 VCC= 2.8V, VIN=VIH or VIL 1us 0.6 1.0 mA 150ns 3 4 Page Mode Current Iccp Chip Enabled, IOUT = 0 VCC= 2.8V, VIN=VIH or VIL 1us 0.1 0.2 mA 150ns 1.5 2 N04Q1630C2Bx- 70C Standby Current Isb Chip Disabled VCC = 3.6V, VIN = VCC or 0 0.8 4 µA Read/Write Current Icc Chip Enabled, IOUT = 0 VCC= 3.6V, VIN=VIH or VIL 1us 2.2 3 mA 70ns 8.5 10 Page Mode Current Iccp Chip Enabled, IOUT = 0 VCC= 3.6V, VIN=VIH or VIL 1us 0.5 0.6 mA 70ns 2 1.5 1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested. 2. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all inputs must be within 0.2 volts of either VCC or VSS. This applies to all ISB values. 3. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive output capacitance expected in the actual system. This applies to all Icc and Iccp values. |
Podobny numer części - N04Q1630C2BW-70I |
|
Podobny opis - N04Q1630C2BW-70I |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |