2 / 7 page
9mm Metal Shaft Rotary Potentiometer
(9mm 金屬軸旋轉電位器)
TACTING
SWITCH
SPECIFICATION
1. GENERAL
1.1 Scope
This specification covers the requirements for single key switches which have no
keytop(TACT SWITCHES:MECHANICAL CONTACT).
1.2 Operating Temperature Range
-20 to 70
°C (normal humidity, normal press.)
1.3 Storage Temperature Range
-30 to 80
°C (normal humidity, normal press.)
1.4 Test Conditions
Tests and measurements shall be made in the following standard conditions unless
otherwise specified:
Normal temperature (temperature 5 to 35
°C)
Normal humidity (relative humidity 45 to 85%)
Normal pressure (pressure 860 to 1060 m bars)
In case any question arises from the judgement made, tests shall be conducted in the
following conditions:
Temperature
(20
±2°C)
Relative humidity
(65
±5%)
Pressure
(860 to 1060 m bars)
2. APPEARANCE, STYLE, AND DIMENSIONS
2.1 Appearance
There shall be no defects that affect the serviceability of the product.
2.2 Style and Dimensions
Shall conform to the assembly drawings.
3. TYPE OF ACTUATION
Tactile
feedback
4. CONTACT ARRANGEMENT
1
poles
1
throws
(Details of contact arrangement are given in the assembly drawings.)
5. MAXIMUM RATINGS
DC
12
V
50
Ma
PART NO:
TS6601H
1/6
Tact Switch Series (6x6mm)