Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YTV-F1S Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części YTV-F1S
Szczegółowy opis  A u t o m a t e d P C B I n s p e c t i o n
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

YTV-F1S Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  YTV-F1S Datasheet HTML 1Page - List of Unclassifed Manufacturers YTV-F1S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
YTV
F1
Series
AOI
Specifications
Models
YTV-F1
Multi-function system with top-down viewing camera
YTV-F1S
Multi-function all purpose system with single top-down and 4 side
viewing cameras
Inspection Capabilities
Throughput:
Up to 5 sq. in./ sec.
> 250,000 components per hour
Maximum Board Size:
22” x 20” (560mm x 510mm)
Clearance:
2” (50mm) top and bottom
Minimum Component Size:
0201; 01005 with high magnification option
Defects Detected:
Component:
position, missing, wrong, polarity, skew, tombstone
Lead:
bent, lifted, bridging
Solder:
open, insufficient, short, solder balls
Software
Algorithms:
Normalized correlation, OCV, OCR, barcode recognition
and rule-based
CAD Input:
Pick and place data, CAD x-y data
CAD Translation Package:
Excel, Circuitcam, Unicam, CIMBridge, Fabmaster
Programming Skill Level:
Technician or operator
Operating System:
Windows XP Professional
Off-line Software:
Optional software for rework and off-line programming
Outputs:
Real-time SPC outputs reporting first pass yield, defect by classification,
reference designator and part number with remote monitoring.
Hardware
Material Handling:
USB 2, SMEMA, dual direction auto width conveyor
Lighting:
LED top light, proprietary bi-color multiangle LED lighting
Imager:
Multiple Thin Cameramega-pixel color cameras
Resolution 1280 x 1024; 25 micron pixel size
Board Clamps:
Optional
High Magnification:
Optional 12 micron high magnification camera
Bottom Side Camera:
Optional for bottom side bar codes
Facilities
Power:
110VAC ( 220 optional ) 50/60 Hz, 15 amps
Air input:
30 PSI min., 1/4 air hose
Footprint:
55” x 57” x 50” (1400mm x 1450mm x 1270mm)
Weight:
2,000 lbs (907 kg)
Machine Installation:
< 1 hour
www.yestechinc.com
www.yestech.com.cn
YESTech Inc.
1317 Calle Avanzado • San Clemente CA. 92673 • tel: (949) 361-2714 • fax: (949) 361-2724 • sales@yestechinc.com
YT-Formula-Series_DS(V1)
11/17/05
12:04 PM
Page 2


Podobny opis - YTV-F1S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
   P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
Powerbox
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
logo
E-Tech Electronics LTD
GMA42M ETL-GMA42M Datasheet
248Kb / 2P
   N P N P L A S T I - E N C A P S U L AT E T R A N S I S T O R
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com