Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5433 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS5433
Szczegółowy opis  14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5433 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS5433 Datasheet HTML 2Page - Texas Instruments ADS5433 Datasheet HTML 3Page - Texas Instruments ADS5433 Datasheet HTML 4Page - Texas Instruments ADS5433 Datasheet HTML 5Page - Texas Instruments ADS5433 Datasheet HTML 6Page - Texas Instruments ADS5433 Datasheet HTML 7Page - Texas Instruments ADS5433 Datasheet HTML 8Page - Texas Instruments ADS5433 Datasheet HTML 9Page - Texas Instruments ADS5433 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
TIMING REQUIREMENTS
(1)
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu(C)
th(C)
th(DR)
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tr
tCLK
tCLKL
CLK, CLK
D[13:0], OVR
DRY
AIN
tCLKH
tDR
tsu(DR)
tf
T0073-02
ADS5433
SLAS503 – APRIL 2006
Over full temperature range, AV
DD = 5 V, DRVDD = 3.3 V, sampling rate = 80 MSPS
PARAMETER
MIN
TYP
MAX
UNIT
APERTURE TIME
tA
Aperture delay
500
ps
tJ
Clock slope independent aperture uncertainity (jitter)
150
fs
kJ
Clock slope dependent jitter factor
50
µV
CLOCK INPUT
tCLK
Clock period
12.5
ns
tCLKH(2)
Clock pulsewidth high
6.25
ns
tCLKL(2)
Clock pulsewidth low
6.25
ns
CLOCK TO DATAREADY (DRY)
tDR
Clock rising 50% to DRY falling 50%
2.8
3.9
4.7
ns
tC_DR
Clock rising 50% to DRY rising 50%
tDR + tCLKH
ns
tC_DR_50%
Clock rising 50% to DRY rising 50% with 50% duty cycle clock
9
10.1
11
ns
CLOCK TO DATA, OVR(4)
tr
Data VOL to data VOH (rise time)
2
ns
tf
Data VOH to data VOL (fall time)
2
ns
L
Latency
3
Cycles
tsu(C)
Valid DATA(3) to clock 50% with 50% duty cycle clock (setup time)
4.8(4)
6.3
ns
tH(C)
Clock 50% to invalid DATA(3) (hold time)
2.6
3.6
ns
DATAREADY (DRY) to DATA, OVR(5)
tsu(DR)_50%
Valid DATA(3) to DRY 50% with 50% duty cycle clock (setup time)
3.3(6)
4
ns
th(DR)_50%
DRY 50% to invalid DATA(3) with 50% duty cycle clock (hold time)
5.4
5.9
ns
(1)
All values obtained from design and characterization.
(2)
See Figure 1 for more information.
(3)
See VOH and VOL levels.
(4)
tSU(C) = tCLK– tCLK(min) + tSU(C)(min), where tCLK(min) = 12.5 ns and tSU(C)(min) = 4.8 ns for all sample rates equal to or below 80MSPS.
(5)
Data is updated with clock rising edge or DRY falling edge.
(6)
tSU(DR)50% = (tCLK / 2) – (tCLK(min) / 2) + tSU(DR)(min), where tCLK(min) = 12.5 ns and tSU(DR)(min) = 3.3 ns for all sample rates equal to or
below 80MSPS.
Figure 1. Timing Diagram
6
Submit Documentation Feedback


Podobny numer części - ADS5433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com