Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1211YRU Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG1211YRU
Szczegółowy opis  1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1211YRU Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG1211YRU Datasheet HTML 3Page - Analog Devices ADG1211YRU Datasheet HTML 4Page - Analog Devices ADG1211YRU Datasheet HTML 5Page - Analog Devices ADG1211YRU Datasheet HTML 6Page - Analog Devices ADG1211YRU Datasheet HTML 7Page - Analog Devices ADG1211YRU Datasheet HTML 8Page - Analog Devices ADG1211YRU Datasheet HTML 9Page - Analog Devices ADG1211YRU Datasheet HTML 10Page - Analog Devices ADG1211YRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADADG1211/ADG1212/ADG1213
Rev. PrE | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
1
2
3
4
5
6
7
8
ADG1211/
ADG1212/
ADG1213
NC = NO CONNECT
16
15
14
13
12
11
10
9
D1
S1
VSS
D4
S4
GND
IN1
D2
S2
VDD
D3
IN4
IN3
S3
NC
IN2
Figure 2. TSSOP Pin Configuration
PIN 1
INDICATOR
NC = NO CONNECT
1
S1
2
VSS
3
GND
4
S4
11 VDD
12 S2
10 NC
9S3
TOP VIEW
(Not to Scale)
ADG1211/ADG1212/ADG1213
Figure 3. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Function
1
15
IN1
Logic Control Input.
2
16
D1
Drain Terminal. Can be an input or output.
3
1
S1
Source Terminal. Can be an input or output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Source Terminal. Can be an input or output.
7
5
D4
Drain Terminal. Can be an input or output.
8
6
IN4
Logic Control Input.
0
7
IN3
Logic Control Input.
10
8
D3
Drain Terminal. Can be an input or output.
11
9
S3
Source Terminal. Can be an input or output.
12
10
NC
No Connection.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Source Terminal. Can be an input or output.
15
13
D2
Drain Terminal. Can be an input or output.
16
14
IN2
Logic Control Input.


Podobny numer części - ADG1211YRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1211YRUZ AD-ADG1211YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL AD-ADG1211YRUZ-REEL Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL7 AD-ADG1211YRUZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Podobny opis - ADG1211YRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com