Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MP87L76 Datasheet(Arkusz danych) 3 Page - Exar Corporation

Numer części MP87L76
Szczegółowy opis  CMOS, 10MSPS, 8-BIT HIGH SPEED, LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
Pobierz  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo 

   
 3 page
background image
(/(&75,&$/ &+$5$&7(5,67,&6 7$%/(
8QOHVV 2WKHUZLVH 6SHFLILHG $9'' '9''  9 )6  0+]  'XW\ &\FOH 
957  9 95%  9 7$ G&

G&
3DUDPHWHU
6\PERO
0LQ
7\S
0D[
8QLWV
7HVW &RQGLWLRQV&RPPHQWV
.(< )($785(6
5HVROXWLRQ

%LWV
0D[LPXP 6DPSOLQJ 5DWH
)6


0+]
$&&85$&<
'LIIHUHQWLDO 1RQ/LQHDULW\
'1/
F
F
/6%
,QWHJUDO 1RQ/LQHDULW\
,1/
F

/6%
%HVW )LW /LQH
0D[ ,1/  0LQ ,1/ 
=HUR 6FDOH (UURU
(=6
F
/6%
)XOO 6FDOH (UURU
()6
F
/6%
5()(5(1&( 92/7$*(6
3RVLWLYH 5HI 9ROWDJH
957

$9''
9
1HJDWLYH 5HI 9ROWDJH
95%
$*1'

9
'LIIHUHQWLDO 5HI 9ROWDJH
95()

$9''
995() 957 95%
/DGGHU 5HVLVWDQFH
5/



:
/DGGHU 7HPS &RHIILFLHQW
57&2

SSPGG&
6HOI %LDV 
95%

9
6KRUW 95% WR 95%6
DQG 957 WR 9576
95()

9
6KRUW 95% WR 95%6
DQG 957 WR 9576
6HOI %LDV 
957

9
95% $*1' 6KRUW 957 DQG 9576
$1$/2* ,1387
%DQGZLGWK  G% 
%:

0+]
,QSXW 9ROWDJH 5DQJH
9,1
$9''
9
,QSXW &DSDFLWDQFH 6DPSOH
&,1

S)
&ORFN +LJK
,QSXW &DSDFLWDQFH &RQYHUW
&,1

S)
&ORFN /RZ
$SHUWXUH 'HOD\
W$3

QV
$SHUWXUH -LWWHU
W$-

SV
'<1$0,& 3(5)250$1&(
),1  0+]
6LJQDO WR 1RLVH 5DWLR
615

G%
6LJQDO WR 1RLVH SOXV 'LVWRUWLRQ
6,1$'

G%
+DUPRQLF 'LVWRUWLRQ
7+'

G%
(IIHFWLYH 1R RI %LWV
(12%

%LWV
',*,7$/ ,13876
/RJLFDO ´µ 9ROWDJH
9,+

9
/RJLFDO ´µ 9ROWDJH
9,/

9
'& /HDNDJH &XUUHQWV
,,1
9,1 '*1' WR '9''
&/.

P$
2(

P$
,QSXW &DSDFLWDQFH

S)
&ORFN 7LPLQJ 6HH )LJXUH  
&ORFN 3HULRG
)6

QV
)RU 6SHFLILHG 3HUIRUPDQFH
+LJK 3XOVH :LGWK
W3:+

QV
)RU 6SHFLILHG 3HUIRUPDQFH
/RZ 3XOVH :LGWK
W3:/

QV
)RU 6SHFLILHG 3HUIRUPDQFH
03/

#0; 




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MP8786CMOS 30 MSPS 8Bit High-Speed Low Power Analog-to-Digital Converter with Power Down 1 2 3 4 5 MoreExar Corporation
8XC528-bit CMOS low voltage low power and high speed microcontroller families 1 2 3 4 5 MoreNXP Semiconductors
TLV56242.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
MP8775CMOS 20 MSPS 8-Bit High Speed Analog-to-Digital Converter 1 2 3 4 5 MoreExar Corporation
TLV56262.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
MP8798CMOS Very Low Power 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux 1 2 3 4 5 MoreExar Corporation
XRD6414CMOS 10-Bit 20 MSPS High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer 1 2 3 4 5 MoreExar Corporation
ADC0820CMOS High Speed 8-Bit A/D Converter with Track/Hold Function 1 2 3 4 5 MoreMaxim Integrated Products
MP8799CMOS Very Low Power 1 MSPS 10-Bit Analog-to-Digital Converter with 8-Channel Mux 1 2 3 4 5 MoreExar Corporation
TLV56088-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreTexas Instruments

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl