Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MVTX1100 Arkusz danych(PDF) 11 Page - Zarlink Semiconductor Inc

Numer części MVTX1100
Szczegółowy opis  9-Port Home PNA Packet Concentrator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX1100 Arkusz danych(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MVTX1100 Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 13Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 14Page - Zarlink Semiconductor Inc MVTX1100 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
MVTX1100
Data Sheet
10
Zarlink Semiconductor Inc.
WRED allows traffic to continue flowing into ports on a switch, and randomly drops packets with different
probabilities based upon each packet’s priority markings. As the switch congestion increases, the probability of
dropping an input packet increases, and as congestion decreases, the probability of dropping an input packet
decreases. In this manner, only traffic flows that have had packets dropped will be affected by the congestion. Other
traffic flows will see no effect.
The following table summarizes the WRED operation of the MVTX1100. It lists the buffer thresholds at which each
drop probability takes effect.
Table 1 - WRED Operation of the MVTX1100
The WRED packet drop capabilities of MVTX1100 are enabled by performing the following three steps:
1. Select the TOS/DS or VLAN Tag field as the control for packet dropping. The selection is made using bit 7 of the
Flooding Control (FCR[7]) register.
-
FCR[7]=0, use VLAN Priority Tag field to map the drop priority if this Tag field exists
- FCR[7]=1, use ToS/DS field for IP packet transmission priority mappin.
2. Select which TOS/DS Tag field to use for packet dropping provided that the TOS/DS field was selected in step 1.
The selection is made using bit 7 of the FCB Buffer Low Threshold (FCBST[7]) register.
- FCBST[7]=0, use DTR subfield to map the drop priority
- FCBST[7]=1, use IP precedence subfield to map the drop priority
3. Set the drop mappings from the TOS/DS or VLAN Tag field to the high or low drop priority output flag. The selec-
tion is made using the VLAN Drop Map (AVDM) and TOS Discard Map (TOSDML) registers.
Note that to utilize the QoS function of the MVTX1100, flow control has to be disabled.
4.0
Buffer Management
MVTX1100 stores each input packet into the external frame buffer memory while determining the destination the
packet is to be forwarded to. The total number of packets that can be stored in the frame buffer memory depends
upon the size of the external SBRAM that is utilized. For a 256 k byte SBRAM MVTX1100 can buffer 170 packets.
For a 512 K byte SBRAM MVTX1100 can buffer 340 packets.
In order to provide good QoS characteristics, MVTX1100 must allocate the available buffer space to low and high
priority unicast and multicast traffic. This can be accomplished using the external EEPROM to load the appropriate
values into MVTX1100 configuration registers. To allow the designer to set the minimum number of buffers provided
for low drop priority unicast traffic, use the Low Drop Priority Buffer Threshold (LPBT[7:0]) register. To set the
maximum number of buffers allocated for all multicast packets, use the Multicast Buffer Control (MBCR[7:0])
register. During operation MVTX1100 will continuously monitor the amount of frame buffer memory that is available,
and when the unused buffer space falls below a designer configurable threshold, MVTX1100 will begin to drop
incoming packets (WRED). This threshold is set using the FCB Buffer Low Threshold (FCBST[5:0]) register.
WRED Threshold
Drop Percentage
Condition for High
Priority Queue
Condition for Low
Priority Queue
Drop Percentage for
High-Drop Packet
Drop Percentage for
Low-Drop Packet
Level 0
Total buffer space available in device is
≤LPBT
50%
0%
Level 1
24 buffers occupied
72 buffers occupied
75%
25%
Level 2
84 buffers occupied
100%
50%


Podobny numer części - MVTX1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2601AG ZARLINK-MVTX2601AG Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
More results

Podobny opis - MVTX1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
HR001K BOTHHAND-HR001K Datasheet
267Kb / 1P
   HOME PNA BANDPASS FILTER
logo
XFMRS Inc.
XF1776A-4HPNA XFMRS-XF1776A-4HPNA Datasheet
71Kb / 1P
   HOME PNA TRANSFORMER
logo
Texas Instruments
SN75LBC088 TI-SN75LBC088 Datasheet
232Kb / 16P
[Old version datasheet]   AUI CONCENTRATOR
logo
Keysight Technologies
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5234A KEYSIGHT-N5234A Datasheet
1Mb / 37P
   Keysight 2-Port PNA-L Network Analyzer
logo
Agilent(Hewlett-Packard...
N5230C HP-N5230C Datasheet
989Kb / 32P
   4-Port PNA-L Microwave Network Analyzer
logo
Keysight Technologies
N5232A KEYSIGHT-N5232A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com