Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB1205I3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części BTB1205I3
Szczegółowy opis  Low Vcesat PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1205I3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  BTB1205I3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1205I3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1205I3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1205I3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1205I3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C815I3
Issued Date : 2005.03.29
Revised Date :
Page No. : 3/ 5
BTB1205I3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=1V
VCE=2V
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
IC=30IB
IC=50IB
IC=100IB
VCESAT
IC=40IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBESAT@IC=10IB
Output Characteristics
0
1
2
3
4
5
6
7
01
2
3
4
5
6
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=5mA
IB=10mA
IB=15mA
IB=20mA
IB=25mA
IB=50mA
Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
01
2
3
45
6
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=2mA
IB=4mA
IB=6mA
IB=20mA
IB=10mA
Power Derating Curves
0
2
4
6
8
10
12
0
50
100
150
200
Ambient Temperature---TA(℃)
No heat sink


Podobny numer części - BTB1205I3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB1205I3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com