Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AUP1G17 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74AUP1G17
Szczegółowy opis  Low-power Schmitt-trigger buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G17 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G17 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G17 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9397 750 14677
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 26 July 2005
11 of 20
Philips Semiconductors
74AUP1G17
Low-power Schmitt-trigger buffer
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times
and pulse width RL = 1 MΩ.
14. Transfer characteristics
Test data is given in Table 12.
Definitions for test circuit:
RL = Load resistor
CL = Load capacitance including jig and probe capacitance
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator
Fig 7.
Load circuitry for switching times
Table 12:
Test data
Supply voltage
Load
VEXT
VCC
CL
RL [1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF,
15 pF and 30 pF
5 k
Ω or 1 MΩ open
GND
2
× VCC
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
Table 13:
Transfer characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
V(th)LH
positive-going
threshold voltage
see Figure 8 and Figure 9
VCC = 0.8 V
0.30
-
0.60
V
VCC = 1.1 V
0.53
-
0.90
V
VCC = 1.4 V
0.74
-
1.11
V
VCC = 1.65 V
0.91
-
1.29
V
VCC = 2.3 V
1.37
-
1.77
V
VCC = 3.0 V
1.88
-
2.29
V
V(th)HL
negative-going
threshold voltage
see Figure 8 and Figure 9
VCC = 0.8 V
0.10
-
0.60
V
VCC = 1.1 V
0.26
-
0.65
V
VCC = 1.4 V
0.39
-
0.75
V
VCC = 1.65 V
0.47
-
0.84
V
VCC = 2.3 V
0.69
-
1.04
V
VCC = 3.0 V
0.88
-
1.24
V


Podobny numer części - 74AUP1G17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

Podobny opis - 74AUP1G17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17 TI1-SN74AUP1G17_17 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Buffer
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com