Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1511-CQRE3 Arkusz danych(PDF) 5 Page - Gennum Corporation

Numer części GS1511-CQRE3
Szczegółowy opis  HD-LINX -TM GS1511 HDTV Serial Digital Formatter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1511-CQRE3 Arkusz danych(HTML) 5 Page - Gennum Corporation

  GS1511-CQRE3 Datasheet HTML 1Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 2Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 3Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 4Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 5Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 6Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 7Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 8Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GENNUM CORPORATION
52248 - 5
5 of 9
13
TRS_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable insertion of TRS
into the video streams. When TRS_INS is high, the device
inserts SMPTE 292M compliant TRS signals into the input LUMA
and CHROMA data streams based on the supplied HVF
signals. When TRS_INS is low, the device does not insert TRS
signals.
15
LN_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable insertion of line
numbers into the video stream. When LN_INS is high, the
device inserts SMPTE 292M compliant line number information
into the LUMA and CHROMA channels. When LN_INS is low,
the device does not insert the line number information into the
LUMA and CHROMA channels. Line number insertion is only
available when user supplied external FVH data is used
(DET_TRS set LOW).
16
CRC_INS
Non-
synchronous
Input
Control Signal Input. Used to enable or disable insertion of
CRCs into the video stream. When CRC_INS is high, the device
calculates and inserts line based CRCs. When CRC_INS is low,
this feature is disabled.
18, 99, 102, 76,
77, 80, 83-89,
92, 96-98, 100,
101
VDD
N/A
This pin must be connected to VDD for normal operation.
21
H
Synchronous
wrt PCLK_IN
Input
Control Signal Input. This signal indicates the Horizontal
blanking period of the input video data stream. The device
inserts HDTV TRS based on the supplied HVF signals. Refer to
Figure 4 for required timing of H relative to LUMA
(DATA_IN[19:10]) and CHROMA (DATA_IN[9:0]).
22
V
Synchronous
wrt PCLK_IN
Input
Control Signal Input. This signal indicates the Vertical blanking
period of the input video data streams. Refer to Figure 4 for
required timing of V relative to LUMA (DATA_IN[19:10]) and
CHROMA (DATA_IN[9:0]).
1.2 PIN DESCRIPTIONS
(Continued)
PIN NUMBER
NAME
TIMING
TYPE
DESCRIPTION


Podobny numer części - GS1511-CQRE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
More results

Podobny opis - GS1511-CQRE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com