Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1503-CFZ Arkusz danych(PDF) 7 Page - Gennum Corporation

Numer części GS1503-CFZ
Szczegółowy opis  HD EMBEDDED AUDIO CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503-CFZ Arkusz danych(HTML) 7 Page - Gennum Corporation

Back Button GS1503-CFZ Datasheet HTML 3Page - Gennum Corporation GS1503-CFZ Datasheet HTML 4Page - Gennum Corporation GS1503-CFZ Datasheet HTML 5Page - Gennum Corporation GS1503-CFZ Datasheet HTML 6Page - Gennum Corporation GS1503-CFZ Datasheet HTML 7Page - Gennum Corporation GS1503-CFZ Datasheet HTML 8Page - Gennum Corporation GS1503-CFZ Datasheet HTML 9Page - Gennum Corporation GS1503-CFZ Datasheet HTML 10Page - Gennum Corporation GS1503-CFZ Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
15879 - 4
7 of 83
Fig. 8 Host Interface Mode B Write Cycle Timing (CPU_SEL set LOW)
Mode B Write Cycle (CPU_SEL set LOW)
PARAMETER
NUMBER
MIN
TYP
MAX
UNITS
Write Address Cycle Time
1
80
-
-
ns
Write Cycle Time
2
80
-
-
ns
Write Enable Setup Time
3
20
-
-
ns
Write Address Setup Time
4
20
-
-
ns
Write Chip Select Setup Time
5
10
-
-
ns
Write Chip Select Hold Time
6
0
-
-
ns
Write Data Setup Time
7
30
-
-
ns
Write Data Hold Time
8
0
-
-
ns
CPUADR[1:0]
CPUDAT[7:0]
CPUCS
CPUWE
01
00
10
Upper Address
Lower Address
Write
Data
112
3
4
5
3
4
5
666
3
5
7
8
Table 1: Host Interface Mode B Control Codes
CPUADR[1:0]
Data Bus Operation
01
Upper Address
00
Lower Address
11
Read Data
10
Write Data


Podobny numer części - GS1503-CFZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS1503BCVE2 GENNUM-GS1503BCVE2 Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
More results

Podobny opis - GS1503-CFZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com