Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32CE3 Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części TIP32CE3
Szczegółowy opis  3A PNP Epitaxial Planar Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP32CE3 Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  TIP32CE3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C610E3
Issued Date : 2003.09.04
Revised Date :
Page No. : 4/4
TIP32CE3
CYStek Product Specification
TO-220AB Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2197
0.2949
5.58
7.49
I
-
*
0.1508
-
*
3.83
B
0.3299
0.3504
8.38
8.90
K
0.0295
0.0374
0.75
0.95
C
0.1732
0.185
4.40
4.70
M
0.0449
0.0551
1.14
1.40
D
0.0453
0.0547
1.15
1.39
N
-
*
0.1000
-
*
2.54
E
0.0138
0.0236
0.35
0.60
O
0.5000
0.5618
12.70
14.27
G
0.3803
0.4047
9.66
10.28
P
0.5701
0.6248
14.48
15.87
H
-
*
0.6398
-
*
16.25
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
4
Style: Pin 1.Base 2.Collector 3.Emitter
4.Collector
3-Lead TO-220AB Plastic Package
CYStek Package Code: E3
Marking:
TIP32C


Podobny numer części - TIP32CE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Savantic, Inc.
TIP32C SAVANTIC-TIP32C Datasheet
130Kb / 4P
   Silicon PNP Power Transistors
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
167Kb / 8P
   Power transistor
logo
SeCoS Halbleitertechnol...
TIP32C SECOS-TIP32C Datasheet
349Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Podobny opis - TIP32CE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
TIP31CJ3 CYSTEKEC-TIP31CJ3 Datasheet
317Kb / 6P
   3A NPN Epitaxial Planar Power Transistor
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
   3A NPN Epitaxial Planar Power Transistor
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640J3 CYSTEKEC-BTA1640J3 Datasheet
242Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640F3 CYSTEKEC-BTA1640F3 Datasheet
248Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP_07 Datasheet
178Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640I3 CYSTEKEC-BTA1640I3 Datasheet
227Kb / 5P
   PNP Epitaxial Planar Power Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com