Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431CM3 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części TL431CM3
Szczegółowy opis  Adjustable Precision Shunt Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431CM3 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  TL431CM3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431CM3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431CM3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431CM3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431CM3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C502M3
Issued Date : 2003.04.02
Revised Date : 2005.04.20
Page No. : 3/5
TL431M3
CYStek Product Specification
Characteristic Curves
CATHODE CURRENT vs
CATHODE VOLTAGE
-100
-75
-50
-25
0
25
50
75
100
125
150
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
VAK - CATHODE VOLTAGE (V)
CATHODE CURRENT vs
CATHODE VOLTAGE
-200
-100
0
100
200
300
400
500
600
700
800
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VAK - CATHODE VOLTAGE (V)
REFERENCE INPUT VOLTAGE
vs AMBIENT TEMPERATURE
2.45
2.452
2.454
2.456
2.458
2.46
2.462
2.464
0
25
50
75
100
125
AMBIENT TEMPERATURE(℃ )
REFERENCE INPUT CURRENT
vs AMBIENT TEMPERATURE
0
50
100
150
200
250
300
350
0
25
50
75
100
125
AMBIENT TEMPERATURE(℃ )
CATHODE VOLTAGE vs REFERENCE
INPUT VOLTAGE
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
VKA - CATHODE VOLTAGE (V)
DYNAMIC IMPEDANCE vs FREQUENCE
0.1
1
10
100
1
10
100
1000
f - FREQUENCE (KHz)


Podobny numer części - TL431CM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431C STMICROELECTRONICS-TL431C Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
logo
HTC Korea TAEJIN Techno...
TL431C HTC-TL431C Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431C HTC-TL431C Datasheet
385Kb / 11P
   Programmable Output Voltage to 40V
logo
Continental Device Indi...
TL431C CDIL-TL431C Datasheet
141Kb / 3P
   PROGRAMMABLE SHUNT REGULATOR
More results

Podobny opis - TL431CM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com