Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC128S102CIMT Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części ADC128S102CIMT
Szczegółowy opis  8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S102CIMT Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC128S102CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 9Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 10Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 11Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 12Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 13Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 1 MSPS, fSCLK = 16 MHz, fIN = 40.2
kHz unless otherwise stated. (Continued)
SNR vs. Supply
THD vs. Supply
20136122
20136132
ENOB vs. Supply
DNL vs. V
D with VA = 5.0 V
20136133
20136130
INL vs. V
D with VA = 5.0 V
DNL vs. SCLK Duty Cycle
20136131
20136155
www.national.com
10


Podobny numer części - ADC128S102CIMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102CIMT TI1-ADC128S102CIMT Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
ADC128S102CIMT/NOPB TI1-ADC128S102CIMT/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
ADC128S102CIMTX/NOPB TI1-ADC128S102CIMTX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
More results

Podobny opis - ADC128S102CIMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com