Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC128S102EVAL Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC128S102EVAL
Szczegółowy opis  8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S102EVAL Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  ADC128S102EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC128S102EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADC128S102
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
General Description
The ADC128S102 is a low-power, eight-channel CMOS 12-
bit analog-to-digital converter specified for conversion
throughput rates of 500 kSPS to 1 MSPS. The converter is
based on a successive-approximation register architecture
with an internal track-and-hold circuit. It can be configured to
accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC128S102 may be operated with independent ana-
log and digital supplies. The analog supply (V
A) can range
from +2.7V to +5.25V, and the digital supply (V
D) can range
from +2.7V to V
A. Normal power consumption using a +3V or
+5V supply is 2.3 mW and 10.7 mW, respectively. The
power-down feature reduces the power consumption to 0.06
µW using a +3V supply and 0.25 µW using a +5V supply.
The ADC128S102 is packaged in a 16-lead TSSOP pack-
age. Operation over the extended industrial temperature
range of −40˚C to +105˚C is guaranteed.
Features
n
Eight input channels
n
Variable power management
n
Independent analog and digital supplies
n
SPI/QSPI/MICROWIRE/DSP compatible
n
Packaged in 16-lead TSSOP
Key Specifications
n
Conversion Rate
500 kSPS to 1 MSPS
n
DNL (V
A =VD = 5.0 V)
+1.5 / −0.9 LSB (max)
n
INL (V
A =VD = 5.0 V)
±1.2 LSB (max)
n
Power Consumption
— 3V Supply
2.3 mW (typ)
— 5V Supply
10.7 mW (typ)
Applications
n
Automotive Navigation
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20136105
Ordering Information
Order Code
Temperature Range
Description
ADC128S102CIMT
−40˚C to +105˚C
16-Lead TSSOP Package
ADC128S102CIMTX
−40˚C to +105˚C
16-Lead TSSOP Package, Tape & Reel
ADC128S102EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation.
MICROWIREis a trademark of National Semiconductor Corporation.
QSPIand SPIare trademarks of Motorola, Inc.
August 2005
© 2005 National Semiconductor Corporation
DS201361
www.national.com


Podobny numer części - ADC128S102EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102 TI1-ADC128S102 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
ADC128S102-MDR TI1-ADC128S102-MDR Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102-MDR TI1-ADC128S102-MDR Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102-MDR TI1-ADC128S102-MDR Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Podobny opis - ADC128S102EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com