Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPMPU50-218 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPMPU50-218
Szczegółowy opis  50W Desk Top Switching Power Supplies For Medical Equipment.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU50-218 Arkusz danych(HTML) 1 Page - Total Power International

  TPMPU50-218 Datasheet HTML 1Page - Total Power International TPMPU50-218 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
50
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.35
A
Iih
Input Current (High Line)
Io=Full load, Vin=230 VAC
0.7
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
75
83
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
7
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1.5
2
S
Vrn
Ripple & Noise (Pea k to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.1
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
TPMPU50 SERIES
50W Desk Top Switching Power Supplies For Medical Equipment.
Description:
The TPMPU50 series of AC/DC switching mode power supplies
provide 50 Watts of continuous output power. All supplies are UL
94V-0 compliant, include IEC-320-C14 input for worldwide
applications. All models meet FCC Part-15 class B and CISPR -11
EN55011 class B emission Limits and are designed to comply with
UL, C-UL, CB and CE requirements. All units are 100% burned in
and tested.
Features:
+ Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
+ IEC-320-C14 Input Inlet
+ Single to Triple Output
+ Output Voltage Available From 2VDC Thru 50VDC
+ Optional Output Connector (See appendix)
+ Input Surge Current, Over Voltage And Over Load protection
+ Splash proof
+ Two Year Warranty
Safety Approvals :
Electrical Characteristics:
Safety Specifications:
CB
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Toper
Operating Temperature
0
70
°c
Tstg
Storage Temperature
-40
85
°c
Hr
Relative Humidity
5
95
%
Pd
Derate linearly from 100% load at 50
°c to 50% load at 70°c
Environmental :
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vps
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
5656
VDC
Vpg
Dielectric Withstanding Voltage
for Primary to ground
Primary to ground
2121
VDC
Ri
Isolation Resistance
Test Voltage = 500VDC
50
M
W
CISPR EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
FCC
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
C
US
EN 60601-1
TOTAL POWER INT'L
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-1-


Podobny numer części - TPMPU50-218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
TPMPU51-101 TOTAL-POWER-TPMPU51-101 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
TPMPU51-102 TOTAL-POWER-TPMPU51-102 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
TPMPU51-103 TOTAL-POWER-TPMPU51-103 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
TPMPU51-104 TOTAL-POWER-TPMPU51-104 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
More results

Podobny opis - TPMPU50-218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
MPU50 MPSIND-MPU50 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPIPU46 TOTAL-POWER-TPIPU46 Datasheet
454Kb / 2P
   50W desk top switching power supplies for industrial equipment
logo
MPS Industries, Inc.
MPU30 MPSIND-MPU30 Datasheet
119Kb / 2P
   30W Desk Top Switching Power Supplies For Medical Equipment
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com