Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS100LBP-38 Arkusz danych(PDF) 3 Page - Total Power International

Numer części TPS100LBP-38
Szczegółowy opis  TPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS100LBP-38 Arkusz danych(HTML) 3 Page - Total Power International

  TPS100LBP-38 Datasheet HTML 1Page - Total Power International TPS100LBP-38 Datasheet HTML 2Page - Total Power International TPS100LBP-38 Datasheet HTML 3Page - Total Power International TPS100LBP-38 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T!"DEE%&!."'()*+(,-./012.DEE'.%0'.*0").&03.)4!2>.7*)(=2.!6*
&'#()
'*+,*+
-')+$.(
$#/*0+&(1+
2$1.(
&$34&*&!'*+,*+
5*22(1+
,($6!'*+,*+
5*22(1+71'+(%8
&414&*&!'*+,*+
5*22(1+
+'+$)
2(.*)$+4'171'+(98
24,,)(!:!1'40(
;,",71'+(<8
,($6!'*+,*+
,'=(271'+(%8
X*$#!'*+,*+!&'#()!0()(5+4'1!5>$2+
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
TH03
;7W+F
@4
2V@4
.V@4
±
DK
±
HK
,!H03
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
T,0%AA)@,"B%
,!D!3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
HH4
H2V24
HVH4
±
DK
±
HK
TH03
;7W+F
04
0VL4
.V04
±
DK
±
HK
,!HD3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
T,0%AA)@,"B<
THD3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
L4
H.4
.VL4
±
DK
±
HK
TH03
;7W+F
@4
@V14
.V@4
±
DK
±
HK
,HD3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
T,0%AA)@,"B9
,!H03
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
L4
H.4
.VL4
±
DK
±
HK
TH03
;7W+F
H4
HV24
.VH4
±
DK
±
HK
,!H03
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
T,0%AA)@,"BB
T2L3
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
T!D3
±
H.K!`>%7=):
L4
H.4
.VL4
±
DK
±
HK
TH03
;7W+F
04
0VL4
.V04
±
DK
±
HK
,!H03
;7W+F
H4
HV24
.VH4
±
H.K
±
HK
T,0%AA)@,"B?
T023
;7W+F
04
0V14
.V04
±
H.K
±
HK
H@.Z!`>%7=):
T@V@3
±
H.K!`>%7=):
HD4
H-VD4
HVD4
±
H.K
±
HK
TD3
;7W+F
@4
@V-4
.V@4
±
DK
±
HK
TH03
;7W+F
04
0V14
.V04
±
DK
±
HK
T,0%AA)@,"BC
,!H03
;7W+F
H4
HV@4
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
T!@V@3
±
H.K!`>%7=):
H.4
H@4
H4
±
DK
±
HVDK
TD3
;7W+F
L4
H.4
.VL4
±
DK
±
HK
TH03
;7W+F
04
0V14
.V04
±
H.K
±
HK
T,0%AA)@,"BD
,H03
;7W+F
H4
HV@4
.VH4
±
H.K
±
HK
H@.Z!`>%7=):
! 1'+(0F!H\!P+)j!:E)F9!JE(!:)9'7$*!k@.!9+=E$F9!Y7'C!)!X)W7X&X!H.K!F&'>!=>=:+!)(+!)==+%')^:+V!P:+)9+!=E$')='!&9!7J!$++F!9%+=7):!%+)j!:E)FV
!! !! !!!! !0\!M)W7X&X!%+)j!'E!%+)j!$E79+!+W%(+99+F!)9!)!%+(=+$')*+!EJ!E&'%&'!8E:')*+6!0.MAB!^)$FY7F'C6!.VH$;!)$F!2?$;!5)%V!E$!E&'%&'9V
!! !! !!!! !@\!SE)F7$*!'+9'!=E$F7'7E$9!)(+!9+'!JE(!)::!E&'%&'9!)'!X7$7X&X6!X7FF:+!)$F!X)W7X&X!EJ!:E)F9V!O%+=7):!=(E99!:E)F7$*!(+<&7(+X+$'!79!Y+:=EX+FV
!! !! !!!! !2\!_+')7:+F!+$*7$++(7$*!9%+=7J7=)'7E$!EJ!+)=C!XEF+:!79!)8)7:)^:+!JE(!7$<&7(>V
!! !! !!!! !D\!O%+=7):!E&'%&'!8E:')*+U=&((+$'!7$<&7(>!79!Y+:=EX+FV
!! !! !!!! !1\!O%+=7J7=)'7E$9!9&^l+='!'E!=C)$*+!Y7'CE&'!$E'7=+V
"9"
TOTAL POWER, INT. TEL: 877-646-0900 FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
TOTAL POWER


Podobny numer części - TPS100LBP-38

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-10 TOTAL-POWER-TPS100-10 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-10 TOTAL-POWER-TPS100-10 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-11 TOTAL-POWER-TPS100-11 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100-11 TOTAL-POWER-TPS100-11 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
More results

Podobny opis - TPS100LBP-38

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPS150LBP TOTAL-POWER-TPS150LBP Datasheet
252Kb / 4P
   TPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION
TPS40LB TOTAL-POWER-TPS40LB Datasheet
275Kb / 3P
   SWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY
TPS60LB TOTAL-POWER-TPS60LB Datasheet
398Kb / 4P
   SWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY
logo
Omron Electronics LLC
S82H OMRON-S82H Datasheet
778Kb / 16P
   Industrial Power Supply with Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com