Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MXA2500J Datasheet(Arkusz danych) 2 Page - List of Unclassifed Manufacturers

Numer części MXA2500J
Szczegółowy opis  Ultra Low Cost, ±1.0 g Dual Axis Accelerometer with Absolute Outputs
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 2 page
background image
MEMSIC MXA2500J/K Rev.A
Page 2 of 8
2/17/2006
MXA2500J/K SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD,
VDA = 3.0V unless otherwise specified)
MXA2500J
MXA2500K
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
SENSOR INPUT
Measurement Range
1
Each Axis
±1.0
±1.0
g
Nonlinearity
Best fit straight line
1.0
2.0
1.0
2.0
% of
FS
Alignment Error
2
±1.0
±1.0
degree
s
Transverse Sensitivity
3
±2.0
±2.0
%
SENSITIVITY
Sensitivity, Analog Outputs at
pins AOUTX and AOUTY
Each Axis
@3.0V supply
450
500
550
450
500
550
mV/g
Change over Temperature
∆ from 25°C
10
20
%
ZERO g BIAS LEVEL
0 g Offset
Each Axis
-0.3
0.00
+0.3
-0.3
0.00
+0.3
g
0 g Voltage
1.10
1.25
1.40
1.10
1.25
1.40
V
0 g Offset over Temperature
∆ from 25°C
∆ from 25°C, based on
500mV/g
±3.0
±1.5
±3.0
±1.5
mg/
°C
mV/
°C
NOISE PERFORMANCE
Noise Density, rms
Without frequency
compensation
1.0
1.0
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth -
uncompensated
25
30
35
25
30
35
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.15
1.25
1.35
1.15
1.25
1.35
V
Sensitivity
4.6
5.0
5.4
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE
VRef
@2.7V-5.25V supply
2.4
2.5
2.65
2.4
2.5
2.65
V
Change over Temperature
0.1
0.1
mV/
°C
Current Drive Capability
Source
100
100
µA
SELF TEST
Continuous Voltage at AOUTX,
AOUTY under Failure
@3.0V Supply, output
rails to
supply voltage
3.0
3.0
V
AOUTX and AOUTY OUTPUTS
Normal Output Range
@3.0V Supply
0.1
2.9
0.1
2.9
V
Current
Source or sink, @ 2.7V-
5.25V supply
100
100
µA
Turn-On Time
4
@3.0V Supply
300
300
mS
POWER SUPPLY
Operating Voltage Range
2.7
5.25
2.7
5.25
V
Supply Current
@ 3.0V
4.8
4.8
mA
TEMPERATURE RANGE
Operating Range
0
+70
-40
105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and
indicated axis of sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and
the inherent sensitivity errors.
4 Output settled to within +/-17mg.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500EPLow Profile Low Consumption 0.5 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD202Low Cost 2.0g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2312ALow Cost +2 -2 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl