Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MXC6202XJ Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części MXC6202XJ
Szczegółowy opis  Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MXC6202XJ Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MXC6202XJ Datasheet HTML 3Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 4Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 5Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 6Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 7Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 8Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 9Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 10Page - List of Unclassifed Manufacturers MXC6202XJ Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MEMSIC MXC6202xJ/K Rev.A
Page 9 of 11
3/20/2006
on the SDA line has to be stable during the HIGH
period of the SCL line. In other words, valid data can
only change when the SCL line is LOW.
I
2C BUS DATA TRANSFER
A data transfer is started with a “START” condition
and ended with a “STOP” condition.
A “START”
condition is defined by a HIGH to LOW transition on
the SDA line while SCL line is HIGH.
A “STOP”
condition is defined by a LOW to HIGH transition on
the SDA line while SCL line is HIGH. All data transfer
in I
2C system is 8-bits long. Each byte has to be
followed by an acknowledge bit. Each data transfer
involves a total of 9 clock cycles. Data is transferred
starting with the most significant bit (MSB). After a
“START” condition, the master device calls a specific
slave device, in our case, the MEMSIC accelerometer
with a 7-bit device address.
To avoid potential
address
conflict,
either
by
ICs
from
other
manufacturers or by other MEMSIC accelerometers
on the same bus, a total of 8 different addresses can
be programmed into a MEMSIC device at the factory.
Following the 7-bit address, the 8
th bit determines the
direction of data transfer: [1] for READ and [0] for
WRITE. After being addressed, the available MEMSIC
device being called will respond by an “Acknowledge”
signal, which is pulling SDA line LOW.
In order to read an acceleration signal, the master
device should operate a WRITE action with a code of
“[xxxxxxx0]” into the MEMSIC device 8-bit internal
register.
Bit
Name
Function
0
PD (Power Down)
Power down [1]/on [0]
1
Reserved
NC
2
BGTST (bandgap test)
Bandgap test [1]/normal[0]
3
TOEN
(temperature
out enable)
Temp Out EN [1]/disable[0]
BGTST is used to calibrate the temperature output
signal’s initial offset. By flipping the BGTST bit and
taking the average of two readings, the temperature
output initial offset will be calibrated to within
datasheet specifications.
After writing code of “[xxxxxxx0]” into the control
register, if a “READ” signal is received, during next 9
clock cycles, the MEMSIC device being called will
transfer 8-bits of data to the I
2C bus. If an
“Acknowledge” by master device is received, the
MEMSIC device will continue to transfer the next byte.
The same procedure repeats until 5 bytes of data are
transferred to master device. Those 5 bytes of data
are defined as following (“T” is temperature output):
1. Internal register
2. MSB X/T axis
3. LSB X/T axis
4. MSB Y axis
5. LSB Y axis
Even though each axis consists of two bytes, which
are 16-bits of data, the actual accelerometer
resolution is limited to 12bits. Unused MSB’s will be
simply filled by “0”s.
Note that the temperature output shares the same
registers with the X channel output. The implementer
can select which signal needs to be read out by using
the TOEN bit.
The master can stop slave data transfer after any of
the five bytes by not sending an acknowledge
command and followed by a “STOP” condition.
Data transfer
POWER DOWN MODE
The MEMSIC accelerometer can enter a power down
mode by the master device writing a code of
“[xxxxxxx1]” into the accelerometer’s internal register.
A wake up operation is performed when the master
writes into the same register a code of “[xxxxxxx0]”.
Note that it needs about 50mS (typical) for power up
time.
EXAMPLE OF DATA COMMUNICATION
First cycle: START followed by a calling to slave
address “[0010xxx]” to WRITE (8
th SCL, SDA keep
low). “[xxx]” Is determined by factory programming, a
total of 8 different addresses are available.
Second cycle: After an acknowledge signal is
received by the master device (MEMSIC device pulls
SDA line low during 9
th SCL pulse), the master device
sends “[00000000]” as the target address to be written
into. The MEMSIC device should acknowledge at the
end (9
th SCL pulse). Note: since the MEMSIC device
has only one internal register that can be written into,
user should always indicate “[00000000]” as the write
address.
Third cycle: Master device writes to internal MEMSIC
device memory code “[xxxxxxx0]” as a wake-up call.
The MEMSIC device should send an acknowledge
signal. A STOP command indicates the end of write
operation. A 100mS (typical) wait period should be


Podobny numer części - MXC6202XJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXC6202H ETC1-MXC6202H Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXC6202M ETC1-MXC6202M Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXC6202N ETC1-MXC6202N Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
More results

Podobny opis - MXC6202XJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
MXC6235XQ MEMSIC-MXC6235XQ Datasheet
280Kb / 9P
   Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC6232XG MEMSIC-MXC6232XG Datasheet
236Kb / 8P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
Rev.A
logo
List of Unclassifed Man...
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
   Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com