Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MXR7202G Datasheet(Arkusz danych) 2 Page - List of Unclassifed Manufacturers

Numer części MXR7202G
Szczegółowy opis  Low Cost, Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 2 page
background image
MEMSIC MXR7202G/M Rev.B
Page 2 of 8
3/24/2005
MXR7202G/M SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD = 5.0V unless otherwise
specified)
Parameter
Conditions
Min
MXR7202GL
Typ.
Max
Min.
MXR7202ML
Typ.
Max.
Units
SENSOR INPUT
Measurement Range
1
Each Axis
±2.0
±2.0
g
Nonlinearity
Best fit straight line
0.5
1.0
0.5
1.0
% of FS
Alignment Error
2
±1.0
±1.0
degrees
Alignment Error
X Sensor to Y Sensor
0.01
0.01
degrees
Cross Axis Sensitivity
3
±0.5
±0.5
%
SENSITIVITY
Sensitivity Xout, Yout
Sensitivity Xout, Yout
Each Axis
VDD=5.0V
VDD=3.0V
287
168
312
187
337
206
287
168
312
187
337
206
mV/g
mV/g
Sensitivity Change over
Temperature
4
Delta from 25
°C
10
15
%
ZERO g BIAS LEVEL
0 g Voltage Xout, Yout
0 g Voltage Xout, Yout
0 g Voltage Xout, Yout
0 g Voltage Xout, Yout
Each Axis
VDD=5.0V
VDD=5.0V
VDD=3.0V
VDD=3.0V
2.42
-0.26
1.44
-0.32
2.50
0.00
1.50
0.00
2.58
0.26
1.56
0.32
2.42
-0.26
1.44
-0.32
2.50
0.00
1.50
0.00
2.58
0.26
1.56
0.32
V
g
V
g
0 g Offset vs. Temperature
4
Delta from 25
°C
1.5
1.5
mg/
°C
NOISE PERFORMANCE
Noise Density, rms
@25
°C
0.3
0.8
0.3
0.8
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth
17
19
21
17
19
21
Hz
POWER SUPPLY
Operating Voltage Range
2.70
5.25
2.70
5.25
V
Quiescent Supply Current
@5.0V
4.0
4.9
4.0
4.9
mA
Quiescent Supply Current
@3.0V
4.3
5.3
4.3
5..3
mA
AoutX and AoutY OUTPUTS
Output High Voltage
Output Low Voltage
@5.0V Supply
4.6
0.4
4.6
0.4
V
V
Current
Source or sink
@3.0V-5.0V Supply
100
100
uA
Turn-On Time
5
160
160
mS
TEMPERATURE RANGE
Operating Range
0
+70
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Cross axis sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 Defined as the output change from ambient to maximum temperature or ambient to
minimum temperature.
5 Output settled to within
±17mg.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR2312GImproved Ultra Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500UUltra Low Noise 1g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl