Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MXR7202G Datasheet(Arkusz danych) 6 Page - List of Unclassifed Manufacturers

Numer części MXR7202G
Szczegółowy opis  Low Cost, Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 6 page
background image
MEMSIC MXR7202G/M Rev.B
Page 6 of 8
3/24/2005
MXR7202G/M TYPICAL PERFORMANCE CHARACTERISTICS (@ 25°C, unless otherwise specified)
VDD= 3V
VDD= 5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
1.44
1.46
1.48
1.5
1.52
1.54
1.56
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
2.42
2.45
2.47
2.50
2.53
2.55
2.58
Voltages
X-axis Zero g Bias Distribution at Xout, VDD=5V
Voltages
X-axis Zero g Bias Distribution at Xout, VDD=3V
0%
5%
10%
15%
20%
25%
30%
35%
40%
1.44
1.46
1.48
1.5
1.52
1.54
1.56
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
2.42
2.45
2.47
2.50
2.53
2.55
2.58
Voltages
Y-axis Zero g Bias Distribution at Yout, VDD=5V
Voltages
Y-axis Zero g Bias Distribution at Yout, VDD=3V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
168
187
206
0%
5%
10%
15%
20%
25%
30%
287
311
335
mV/g
X-axis Sensitivity Distribution at Xout, VDD=3V
mV/g
X-axis Sensitivity Distribution at Xout, VDD=5V




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR2312GImproved Ultra Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500UUltra Low Noise 1g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl