Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5290YRMZ100 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5290YRMZ100
Szczegółowy opis  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ100 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5290YRMZ100 Datasheet HTML 3Page - Analog Devices AD5290YRMZ100 Datasheet HTML 4Page - Analog Devices AD5290YRMZ100 Datasheet HTML 5Page - Analog Devices AD5290YRMZ100 Datasheet HTML 6Page - Analog Devices AD5290YRMZ100 Datasheet HTML 7Page - Analog Devices AD5290YRMZ100 Datasheet HTML 8Page - Analog Devices AD5290YRMZ100 Datasheet HTML 9Page - Analog Devices AD5290YRMZ100 Datasheet HTML 10Page - Analog Devices AD5290YRMZ100 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 8 of 11
OPERATION
The AD5290 is a 256-position digitally controlled variable
resistor device that can be controlled digitally through SPI
interface.
An internal power-on preset places the wiper at midscale
during power-on, which simplifies the fault condition recovery
at power-up.
DETERMINING THE VARIABLE RESISTANCE
AND VOLTAGE
Rheostat Mode Operation
If only the W-to-B or W-to-A terminals are used as variable
resistors, the unused terminal can be opened or shorted with W.
This operation is called rheostat mode (Figure 3).
A
W
B
A
W
B
A
W
B
Figure 3. Rheostat Mode Configuration
The nominal resistance (RAB) of the RDAC has 256 contact
points accessed by the wiper terminal, plus the B terminal
contact if RWB is considered. The 8-bit data in the RDAC latch is
decoded to select one of the 256 settings. Assuming that a 10
kΩ part is used, the wiper’s first connection starts at the B
terminal for data 0x00. Such connection yields a minimum of
60 Ω resistance between terminals W and B because of the 60 Ω
wiper contact resistance. The second connection is the first tap
point, which corresponds to 99 Ω (RWB = (1) × RAB/256 + RW)
for data 0x01, and so on. Each LSB data value increase moves
the wiper up the resistor ladder until the last tap point is reached
at 10020 Ω ((255) × RAB/256 + RW). Figure 6 shows a simplified
diagram of the equivalent RDAC circuit. The general equation
determining RWB is
W
AB
WB
R
R
256
D
)
D
(
R
+
×
=
(1)
where:
D is the decimal equivalent of the 8-bit binary code.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on-resistance of
the internal switch.
Table 1. RWB vs. Codes; RAB = 10 kΩ and
the A Terminal Is Opened
D (Dec)
RWB (Ω)
Output State
255
10020
Full-Scale (RAB + RW)
128
5060
Midscale
1
99
1 LSB
0
60
Zero-Scale (Wiper Contact Resistance)
Since a finite wiper resistance of 60 Ω is present in the zero-
scale condition, care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of
no more than 20 mA. Otherwise, degradation or possible
destruction of the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper W and terminal A also produces a
complementary resistance RWA. When these terminals are used,
the B terminal can be opened or shorted to W. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch increases in value.
The general equation for this operation is
W
AB
WA
R
R
256
D
256
)
D
(
R
+
×
=
(2)
Table 2. RWA vs. Codes; RAB =10 kΩ and
B Terminal Is Opened
D (Dec)
RWA (Ω)
Output State
255
60
Full-Scale
128
5060
Midscale
1
10020
1 LSB
0
10060
Zero-Scale
The typical distribution of the resistance tolerance from device
to device is process lot dependent, and it is possible to have
±30% tolerance.
Figure 6. AD5290 Equivalent RDAC Circuit
Potentiometer Mode Operation
If all three terminals are used, the operation is called the
potentiometer mode. The most common configuration is the
voltage divider operation (Figure 7).
B
RDAC
LATCH
AND
DECODER
W
A
RS
RS
RS
RS
D7
D6
D4
D5
D2
D3
D1
D0
RW


Podobny numer części - AD5290YRMZ100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5290YRMZ100 AD-AD5290YRMZ100 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100-R7 AD-AD5290YRMZ100-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Podobny opis - AD5290YRMZ100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com