Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4884BDY-T1 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4884BDY-T1
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4884BDY-T1 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4884BDY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4884BDY-T1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
D TrenchFETr Power MOSFET
D PWM Optimized
RoHS
COMPLIANT
Si4884BDY
Vishay Siliconix
New Product
Document Number: 73454
S–51450—Rev. A, 01-Aug-05
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)a
Qg (Typ)
30
0.0090 @ VGS = 10 V
16.5
10 5 nC
30
0.012 @ VGS = 4.5 V
13.2
10.5 nC
N-Channel MOSFET
G
D
S
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4884BDY-T1—E3 (Lead (Pb)-free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
TC = 25_C
16.5
Continuous Drain Current (TJ = 150_C)
TC = 70_C
ID
13.2
Continuous Drain Current (TJ = 150_C)
TA = 25_C
ID
12.4b, c
TA = 70_C
10.0b, c
A
Pulsed Drain Current
IDM
50
Continuous Source Drain Diode Current
TC = 25_C
IS
4.0
Continuous Source-Drain Diode Current
TA = 25_C
IS
2.3b, c
TC = 25_C
4.45
Maximum Power Dissipation
TC = 70_C
PD
2.85
W
Maximum Power Dissipation
TA = 25_C
PD
2.50b, c
W
TA = 70_C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
p 10 sec
RthJA
40
50
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
22
28
_C/W
Notes:
a.
Based on TC = 25_C.
b.
Surface mounted on 1” x 1” FR4 board.
c.
t = 10 sec
d.
Maximum under steady state conditions is 85
_C/W.


Podobny numer części - SI4884BDY-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4884BDY-T1-E3 VISHAY-SI4884BDY-T1-E3 Datasheet
260Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Feb-09
More results

Podobny opis - SI4884BDY-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com