Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3232-X-FQ Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części SI3232-X-FQ
Szczegółowy opis  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232-X-FQ Arkusz danych(HTML) 4 Page - Silicon Laboratories

  SI3232-X-FQ Datasheet HTML 1Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 2Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 3Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 4Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 5Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 6Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 7Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 8Page - Silicon Laboratories SI3232-X-FQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
Si3232
4
Preliminary Rev. 0.96
1. Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information1
Parameter
Symbol
Test Condition
Value
Unit
Supply Voltage, Si3200 and Si3232
VDD, VDD1–VDD4
–0.5 to 6.0
V
High Battery Supply Voltage2
VBATH
Continuous
0.4 to –104
V
10 ms
0.4 to –109
Low Battery Supply Voltage, Si32002
VBAT, VBATL
Continuous
VBATH
V
TIP or RING Voltage, Si3200
VTIP, VRING
Continuous
Pulse < 10
µs
Pulse < 4
µs
–104
VBATH –15
VBATH –35
V
V
V
TIP, RING Current, Si3200
ITIP, IRING
±100
mA
STIPAC, STIPDC, SRINGAC,
SRINGDC Current, Si3232
±20
mA
Input Current, Digital Input Pins
IIN
Continuous
±10
mA
Digital Input Voltage
VIND
–0.3 to (VDD + 0.3)
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
Si3232 Thermal Resistance, Typical3
(TQFP-64 ePad)
θJA
25
°C/W
Si3200 Thermal Resistance, Typical3
(SOIC-16 ePad)
θJA
55
°C/W
Continuous Power Dissipation,
Si32004
PD
TA = 85 °C, SOIC-16
1
W
Continuous Power Dissipation,
Si3232
PD
TA = 85 °C, TQFP-64
1.6
W
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. The dv/dt of the voltage applied to the VBAT, VBATH, and VBATL pins must be limited to 10 V/µs.
3. The thermal resistance of an exposed pad package is assured when the recommended PCB layout guidelines are
followed correctly. The specified performance requires that the exposed pad be soldered to an exposed copper surface
of equal size and that multiple vias are added to enable heat transfer between the top-side copper surface and a large
internal copper ground plane. Refer to “AN55: Dual ProSLIC™ User Guide” or to the Si3232 evaluation board data
sheet for specific layout examples.
4. On-chip thermal limiting circuitry will shut down the circuit at a junction temperature of approximately 150 °C. For
optimal reliability, operation above 140 °C junction temperature should be avoided.


Podobny numer części - SI3232-X-FQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
More results

Podobny opis - SI3232-X-FQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
   Dual line programmable transient voltage suppressor for SLIC protection
February 2017 Rev 7
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
logo
Silicon Laboratories
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com