Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8250 Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SI8250
Szczegółowy opis  DIGITAL POWER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8250 Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SI8250 Datasheet HTML 3Page - Silicon Laboratories SI8250 Datasheet HTML 4Page - Silicon Laboratories SI8250 Datasheet HTML 5Page - Silicon Laboratories SI8250 Datasheet HTML 6Page - Silicon Laboratories SI8250 Datasheet HTML 7Page - Silicon Laboratories SI8250 Datasheet HTML 8Page - Silicon Laboratories SI8250 Datasheet HTML 9Page - Silicon Laboratories SI8250 Datasheet HTML 10Page - Silicon Laboratories SI8250 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Si8250/1/2
Preliminary Rev. 0.8
7
Table 5. ADC1 Specifications
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Sampling Frequency
ADCSP = 0
10
Msps
ADCSP = 1
5
Resolution
6
Bits
LSB Size
4
20
mV
Differential Input Voltage Range
Note 1
–32
+31
LSB
Common-mode input voltage range
0.8
1.3
V
Integral Nonlinearity
–2
+2
LSB
Differential Nonlinearity
–1
+1
LSB
Gain Error
5
%
Offset Error
3
mV
Input Bias Current
5
µA
Standby Mode Supply Current
disabled
0.1
µA
Operating Mode Supply Current
3
mA
Notes:
1. LSB size (mV) is programmable using the RES[3:0] bits in the ADC1CN register.
Table 6. DSP Filter Engine Electrical Specifications
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Resolution1
——
9
Bits
Dithering2
——
6
Bits
Standby Mode Supply Current
disabled
0.1
µA
Notes:
1. Internal word length = 22 bits.
2. Up to a total 15 bits of resolution when dithering is enabled.


Podobny numer części - SI8250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI82520AB-AM1 SKYWORKS-SI82520AB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AB-IM1 SKYWORKS-SI82520AB-IM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-AS3 SKYWORKS-SI82520AD-AS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-IS3 SKYWORKS-SI82520AD-IS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520BB-AM1 SKYWORKS-SI82520BB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
More results

Podobny opis - SI8250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMS7401L FAIRCHILD-FMS7401L_05 Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com