Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4C332 Arkusz danych(PDF) 1 Page - Solid State Optronic

Numer części AD4C332
Szczegółowy opis  Dual 1 Form B Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C332 Arkusz danych(HTML) 1 Page - Solid State Optronic

  AD4C332 Datasheet HTML 1Page - Solid State Optronic AD4C332 Datasheet HTML 2Page - Solid State Optronic AD4C332 Datasheet HTML 3Page - Solid State Optronic AD4C332 Datasheet HTML 4Page - Solid State Optronic AD4C332 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD4C332
Dual 1 Form B
Solid State Relay
The AD4C332 is a bi-directional, double-pole, single-throw, normally closed multipurpose solid-state relay. It consists of two discrete solid
state relays in a compact 8 pin package. Each relay is composed of a GaAlAs LED optically coupled to an IC--driving a pair of rugged
source-to-source depletion type DMOS transistors.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Two discrete 1 Form B relays in 1 package
Low On-Resistance (10 Ohms MAX)
Low input control power consumption (2.5mA TYP)
200mA maximum continuous load current
High input-to-output isolation
Long life/high reliability
Reed relay replacement
Meter reading systems
Medical equipment
Battery monitoring
Multiplexers
Surface Mount Option
-S
Tape and Reel Option
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT CERTIFICATE #607836:
BS EN 60950, BS EN 41003, BS EN 60065
CSA CERTIFICATE #LR111581-1
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD4C332
rev 1.40 (10/25/2004)


Podobny numer części - AD4C332

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
AD4C331 SSOUSA-AD4C331 Datasheet
167Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
   200mA maximum continuous load current
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
   200mA Maximum Continuous Load Current
More results

Podobny opis - AD4C332

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com