Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0103A Arkusz danych(PDF) 10 Page - Tripath Technology Inc.

Numer części TA0103A
Szczegółowy opis  Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0103A Arkusz danych(HTML) 10 Page - Tripath Technology Inc.

Back Button TA0103A Datasheet HTML 6Page - Tripath Technology Inc. TA0103A Datasheet HTML 7Page - Tripath Technology Inc. TA0103A Datasheet HTML 8Page - Tripath Technology Inc. TA0103A Datasheet HTML 9Page - Tripath Technology Inc. TA0103A Datasheet HTML 10Page - Tripath Technology Inc. TA0103A Datasheet HTML 11Page - Tripath Technology Inc. TA0103A Datasheet HTML 12Page - Tripath Technology Inc. TA0103A Datasheet HTML 13Page - Tripath Technology Inc. TA0103A Datasheet HTML 14Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
10
TA0103 – Rev 3.3/06.00
The MOSFET drivers in the TA0103A are operated from voltages obtained from VN12 and LO1COM
for the low-side driver, and VBOOT (generated internal to the TA0103A) and HO1COM for the high-
side. Only N-Channel MOSFETs are required for both the top and bottom of the half bridge. VN12
must be a stable 12V above VSNEG. The gate resistors, RG, are used to control MOSFET slew rate
and thereby minimize voltage overshoots.
Over- and Under-Voltage Protection
The TA0103A senses the power rails through VSPOS and VSNEG for over- and under-voltage
conditions. The over- and under-voltage limits are Vo and Vu respectively as specified in the
Electrical Characteristics table. If the supply voltage exceeds Vo or drops below Vu, the TA0103A
shuts off the output stages of the amplifiers and asserts a logic level high on HMUTE. The removal
of the over-voltage or under-voltage condition returns the TA0103A to normal operation and returns
HMUTE to a logic level low. Please note that the limits specified in the Electrical Characteristics
table are at 25
°C and these limits may change over temperature.
Over-current Protection
The TA0103A has over-current protection circuitry to protect itself and the output transistors from
short-circuit conditions.
The TA0103A uses the voltage across a resistor, RS (measured via
OCS1H+, OCS1H-, OCS1L+ and OCS1L-), that is in series with each output MOSFET to detect an
over-current condition. RS and ROCR are used to set the over-current threshold. The OCS pins must
be Kelvin connected for proper operation. See “Circuit Board Layout” in Application Information for
details. An over-current condition will cause the TA0103A to shut off the output stages of the
amplifiers and supply a logic level high on HMUTE. The occurrence of an over-current condition is
latched in the TA0103A and can be cleared by toggling the MUTE input or cycling power.
Overload
When logic low, the OVERLOADB pin indicates that the level of the input signal has overloaded the
amplifier and that the audio output signal is starting to distort. The OVERLOADB signal is active
only while an overload is present. The OVERLOADB signal can be used to control a distortion
indicator light or LED through a simple buffer circuit.
Mute
When a logic high signal is supplied to MUTE, both amplifier channels are muted (both high- and
low-side transistors are turned off) and a logic level high is output on the HMUTE pin. When a logic
level low is supplied to MUTE, both amplifiers are fully operational and a logic level low is supplied
on HMUTE. There is a delay of approximately 200 milliseconds between the de-assertion of MUTE
and the un-muting of the TA0103A.


Podobny numer części - TA0103A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Podobny opis - TA0103A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com