Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F0100209B Arkusz danych(PDF) 1 Page - Eudyna Devices Inc

Numer części F0100209B
Szczegółowy opis  3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100209B Arkusz danych(HTML) 1 Page - Eudyna Devices Inc

  F0100209B Datasheet HTML 1Page - Eudyna Devices Inc F0100209B Datasheet HTML 2Page - Eudyna Devices Inc F0100209B Datasheet HTML 3Page - Eudyna Devices Inc F0100209B Datasheet HTML 4Page - Eudyna Devices Inc F0100209B Datasheet HTML 5Page - Eudyna Devices Inc F0100209B Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Low voltage of +3.3 V or +5.0V single power
supply
• 10 kΩ high transimpedance
• 35 dB high gain
• 0 dBm large optical input
• Over 32 dB wide dynamic range
• Differential output
Applications
• Preamplifier of an optical receiver circuit for
OC-12/STM-4 (622 Mb/s)
Functional Description
The F0100209B is a stable GaAs integrated transimpedance amplifier capable of 35 dB
gain at a typical 200 MHz 3 dB-cutoff-frequency, making it ideally suited for a 622 Mb/s
optical receiver circuit, for example, OC-12/STM-4, instrumentation, and measurement ap-
plications. The integrated feedback loop design provides broad bandwidth and stable opera-
tion. The F0100209B typically specifies a high transimpedance of 10 kΩ(Rs=RL=50 Ω) with
a wide dynamic range of over 32 dB. It also provides a large optical input overload of more
than 0dBm. Furthermore, it can operate with a low supply voltage of single +3.3 V or +5.0V.
It features a typical dissipation current of 36 mA.
Only chip-shipment is available for all product lineups of GaAs transimpedance amplifi-
ers, because the packaged preamplifier can not operate with the maximum performance
owing to parasitic capacitance of the package.
01.08.28
ADVANCE
Transimpedance Amplifier
F0100209B
3.3 V /5V 622 Mb/s Receiver


Podobny numer części - F0100209B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
More results

Podobny opis - F0100209B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1010W SIGE-SE1010W Datasheet
114Kb / 9P
   LightChargerTM 622 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com