Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2595 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA2595
Szczegółowy opis  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA2595 Datasheet HTML 4Page - NXP Semiconductors TDA2595 Datasheet HTML 5Page - NXP Semiconductors TDA2595 Datasheet HTML 6Page - NXP Semiconductors TDA2595 Datasheet HTML 7Page - NXP Semiconductors TDA2595 Datasheet HTML 8Page - NXP Semiconductors TDA2595 Datasheet HTML 9Page - NXP Semiconductors TDA2595 Datasheet HTML 10Page - NXP Semiconductors TDA2595 Datasheet HTML 11Page - NXP Semiconductors TDA2595 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
March 1987
10
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
Notes to the characteristics
1. Phase comparison between horizontal oscillator and the line flyback pulse. Generation of a phase modulated
(
ϕ2 ) horizontal output pulse with constant duration.
2. tfp is the line flyback pulse duration.
3. Three-level sandcastle pulse.
4. If pin 12 is connected to Vp the vertical output is active independent of synchronization state.
Mute output (pin 7)
Output voltage at I7 =3mA
no TV transmitter
V7-5
−−
0,5
V
Output resistance at I7 =3mA
no TV transmitter
R7-5
−−
100
Output leakage current
at V12-5 > 3V
TV transmitter identified
I7
−−
5
µA
Protection circuit (beam-current/ EHT voltage protection) (pin 8)
No-load voltage for I8 =0
(operative condition)
V8-5
6
V
Threshold at positive-going voltage
V8-5
8
± 0,8
V
Threshold at negative-going voltage
V8-5
4
± 0,4
V
Current limiting for V8-5 = 1 to 8,5 V
± I8
60
−µA
Input resistance for V8-5 > 8,5 V
R8-5
3
k
Internal response delay of threshold switch
td
10
−µs
Control output of line flyback pulse control (pin 1)
Saturation voltage at standard operation; I7 =3mA
V1-5sat
−−
0,5
V
Output leakage current in case of disturbance of line
flyback pulse
I1
−−
5
µA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA2595

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

Podobny opis - TDA2595

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com