Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54CXV3T1G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części BAT54CXV3T1G
Szczegółowy opis  Dual Series Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54CXV3T1G Arkusz danych(HTML) 3 Page - ON Semiconductor

  BAT54CXV3T1G Datasheet HTML 1Page - ON Semiconductor BAT54CXV3T1G Datasheet HTML 2Page - ON Semiconductor BAT54CXV3T1G Datasheet HTML 3Page - ON Semiconductor BAT54CXV3T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT54CXV3T1
http://onsemi.com
3
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
0
VR, REVERSE VOLTAGE (VOLTS)
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
−40
°C
25
°C
TA = 150°C
0.6
−55
°C
150
°C
125
°C
100
1000
30
25
20
14
12
10
8
6
4
2
0
TA = 125°C
TA = 85°C
TA = 25°C


Podobny numer części - BAT54CXV3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
60Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2014 ??Rev. 3
More results

Podobny opis - BAT54CXV3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com