Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMM5051VF Arkusz danych(PDF) 1 Page - Eudyna Devices Inc

Numer części FMM5051VF
Szczegółowy opis  13.75-14.5GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5051VF Arkusz danych(HTML) 1 Page - Eudyna Devices Inc

  FMM5051VF Datasheet HTML 1Page - Eudyna Devices Inc FMM5051VF Datasheet HTML 2Page - Eudyna Devices Inc FMM5051VF Datasheet HTML 3Page - Eudyna Devices Inc FMM5051VF Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 1.1
May 2001
FMM5051VF
13.75-14.5GHz Power Amplifier MMIC
FEATURES
• High Output Power: 31.5dBm (typ.)
• High Linear Gain: 31.5dB (typ.)
• Low Input VSWR
• Broad Band: 13.75 ~ 14.5GHz
• Impedance Matched Zin/Zout = 50
• Small Hermetic Metal-Ceramic Package (VF)
Item
Frequency Range
Output Power (Pin=3dBm)
Linear Gain
Input VSWR
Output VSWR
DC Input Current
Symbol
f
13.75-14.5
30.8
31.5
-
30.0
31.5
-
-
2:1
3:1
-
2:1
3:1
VDD = 5V
VGG = 0V
f =13.75 to 14.5GHz
VDD = 5V, VGG = 0V
GHz
dBm
dB
-
-
-
800
1000
mA
Pout
GL
VSWRi
Gain Flatness
-
1.5
2
dB
∆G
VSWRo
IDD
Test Conditions
Unit
Limit
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Case Temperature Ta=25
°C)
CASE STYLE: VF
G.C.P.: Gain Compression Point
Item
Drain-Source Voltage
Gate-Source Voltage
Input Power
Storage Temperature
Operating Case Temperature
Symbol
VDD
8
-3
8
-65 to +175
-40 to +85
V
V
dBm
°C
°C
VGG
Pin
Tstg
Top
Rating
Unit
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25
°C)
Fujitsu recommends the following conditions for the reliable operation of GaAs modules:
1. The drain operating voltage (VDD) should not exceed 5 volts.
2. The gate operating voltage (VGG) should not exceed 0 volts.
DESCRIPTION
The FMM5051VF is a MMIC amplifier that contains a three-stage
amplifier, internally matched, for standard communications in the
13.75 to 14.5GHz frequency range. This product is well suited for
VSAT applications as it offers high power, high gain, and low VSWR.
Fujitsu’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.


Podobny numer części - FMM5051VF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
More results

Podobny opis - FMM5051VF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
   13.75 - 14.50 GHz Power Amplifier MMIC
EIB1314-2P EXCELICS-EIB1314-2P Datasheet
46Kb / 1P
   13.75-14.5GHz, 2W Internally Matched Power FET
EIA1314-8P EXCELICS-EIA1314-8P Datasheet
46Kb / 1P
   13.75-14.5GHz, 8W Internally Matched Power FET
EIB1314-4P EXCELICS-EIB1314-4P Datasheet
46Kb / 1P
   13.75-14.5GHz, 4W Internally Matched Power FET
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com