Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMM5125X Arkusz danych(PDF) 9 Page - Eudyna Devices Inc

Numer części FMM5125X
Szczegółowy opis  15/60GHz Frequency Multiplier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5125X Arkusz danych(HTML) 9 Page - Eudyna Devices Inc

  FMM5125X Datasheet HTML 1Page - Eudyna Devices Inc FMM5125X Datasheet HTML 2Page - Eudyna Devices Inc FMM5125X Datasheet HTML 3Page - Eudyna Devices Inc FMM5125X Datasheet HTML 4Page - Eudyna Devices Inc FMM5125X Datasheet HTML 5Page - Eudyna Devices Inc FMM5125X Datasheet HTML 6Page - Eudyna Devices Inc FMM5125X Datasheet HTML 7Page - Eudyna Devices Inc FMM5125X Datasheet HTML 8Page - Eudyna Devices Inc FMM5125X Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
15/60GHz Frequency Multiplier MMIC
FMM5125X
Eudyna Devices Inc. reserves the right to change products and
specifications without notice.The information does not convey any
license under rights of Eudyna Devices Inc. or others.
CAUTION
Eudyna Devices Inc. products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
•Do not put these products into the mouth.
•Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or
swallowed.
•Observe government laws and company regulations when
discarding this product. This product must be discarded in
accordance with methods specified by applicable hazardous waste
procedures.
Eudyna Devices USA Inc.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
TEL: (408) 232-9500
FAX: (408) 428-9111
www.us.eudyna.com
Eudyna Devices Europe Ltd.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
United Kingdom
TEL: +44 (0) 1628 504800
FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte. Ltd.
Hong Kong Branch
Suite 1906B, Tower 6, China Hong Kong City
33 Canton Road, Tsimshatsui, Kowloon
Hong Kong
TEL: +852-2377-0227
FAX: +852-2377-3921
Eudyna Devices Inc.
Sales Division
1, Kanai-cho, Sakae-ku
Yokohama, 244-0845, Japan
TEL +81-45-853-8156
FAX +81-45-853-8170
© 2005 Eudyna Devices USA Inc.
Printed in U.S.A.


Podobny numer części - FMM5125X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
   MMIC X/Ku-Band DBS Downconverter
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
More results

Podobny opis - FMM5125X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
CHX2192 UMS-CHX2192 Datasheet
82Kb / 5P
   30-60GHz Frequency Multiplier
CHX2192 UMS-CHX2192_15 Datasheet
103Kb / 6P
   30-60GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG_15 Datasheet
431Kb / 8P
   15-30GHz Frequency Multiplier
logo
Mini-Circuits
CY2-143-D MINI-CY2-143-D Datasheet
259Kb / 4P
   X2 MMIC Frequency Multiplier Die
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
MEQ3-60A MARKIMICROWAVE-MEQ3-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
MEQ10-60A MARKIMICROWAVE-MEQ10-60A Datasheet
316Kb / 5P
   Passive MMIC 60GHz Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com