Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMM5321ZV Arkusz danych(PDF) 1 Page - Eudyna Devices Inc

Numer części FMM5321ZV
Szczegółowy opis  Quad-band Antenna Switch Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5321ZV Arkusz danych(HTML) 1 Page - Eudyna Devices Inc

  FMM5321ZV Datasheet HTML 1Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 2Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 3Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 4Page - Eudyna Devices Inc FMM5321ZV Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FMM5321ZV
Quad-band Antenna Switch Module
GSM850 / GSM900 / DCS1800 / PCS1900 / GPRS Applications
Rev 1.1
April 20, 2005
1
Eudyna Devices Inc. Confidential
Features
• Quad-band, true SP6T PHEMT switch with integrated
decoder and low pass filter
• Low insertion loss solution over the frequencies from
824 to 960 MHz and 1710 to 1990 MHz with no
diplexer required
• Low cost, plastic mold package
Small, low profile package: 4 x 4 x 0.85 mm3
Applications
• Quad-band handset for GSM850/900 and
DCS1800/PCS1900
Description
The FMM5321ZV is a miniature 4 mm x 4 mm quad-
band GSM850/900, DCS1800, PCS1900 antenna switch
module that utilizes Eudyna’s highly reliable PHEMT technology for Europe/US GSM and GPRS
handsets and wireless communication systems. The true SP6T PHEMT switch does not require a
diplexer, the component that causes additional insertion loss and yield degradation. The frequency
response is determined by built-in low pass filters, which simplify impedance matching with a power
amplifier.
Lead Free
4 mm x 4 mm x 0.85 mm
Module Package
Function Block Diagram
(Top View)
Packaging and Configuration
(Top View)
DCS in
GND
GND
GSM in
GND
GND
GND
GND
GND
Vctrl3
Vctrl2
Vctrl1
1
2
3
4
5
6
GND
LPF
GND
GND
GSM in
GND
GND
DCS in
Vctrl1
Vctrl2
GND
GND
GND
Vctrl3
GND
18
17
16
15
14
13
LPF


Podobny numer części - FMM5321ZV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
FMM5320ZW EUDYNA-FMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
More results

Podobny opis - FMM5321ZV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CXG1180EQ ETC1-CXG1180EQ Datasheet
55Kb / 2P
   Ultralow Loss GSM Quad-Band Antenna Switch Module
logo
rfsolutions.ltd
ANT-GSMQB RFSOLUTIONS-ANT-GSMQB Datasheet
43Kb / 1P
   GSM Antenna Quad Band
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
   Quad-band Omnidirectional Antenna
logo
Sony Corporation
CXG1192UR SONY-CXG1192UR Datasheet
50Kb / 5P
   SP3T 횞 2 Antenna Switch for GSM Quad-Band
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
List of Unclassifed Man...
A10464 ETC2-A10464 Datasheet
1Mb / 21P
   Clarki Quad-band M2M Antenna
logo
Pulse A Technitrol Comp...
W3502 PULSE-W3502 Datasheet
425Kb / 4P
   Internal Quad Band PWB Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
W3501 PULSE-W3501 Datasheet
1Mb / 8P
   Internal Quad Band PWB Antenna
logo
Molex Electronics Ltd.
PS-146185-100 MOLEX-PS-146185-100_V01 Datasheet
381Kb / 7P
   Cellular Quad Band Flex Antenna
2017-06-13
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com