Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMM5811GJ-1 Arkusz danych(PDF) 4 Page - Eudyna Devices Inc

Numer części FMM5811GJ-1
Szczegółowy opis  17.7-23.6GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5811GJ-1 Arkusz danych(HTML) 4 Page - Eudyna Devices Inc

  FMM5811GJ-1 Datasheet HTML 1Page - Eudyna Devices Inc FMM5811GJ-1 Datasheet HTML 2Page - Eudyna Devices Inc FMM5811GJ-1 Datasheet HTML 3Page - Eudyna Devices Inc FMM5811GJ-1 Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMM5811GJ-1
17.7-23.6GHz Power Amplifier MMIC
4
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU QUANTUM DEVICES EUROPE LTD.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 2001 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0101M200
1.3
±0.15
(0.051)
0.9
(0.035)
3.5 Max.
(0.137)
6
±0.15
(0.236)
12
±0.15
(0.472)
1Min.
(0.039)
6-0.3
(0.012)
4-R 1.2
±0.15
(0.047)
INDEX
Case Style "GJ"
Metal-Ceramic Hermetic Package
Unit: mm(inches)
1. VDD
2. RFin
3. VGG
4. VGG
5. RFout
6. VDD
7. GND (Flange)
1
2
3
6
7
5
4
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.


Podobny numer części - FMM5811GJ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
More results

Podobny opis - FMM5811GJ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA6550-QXG UMS-CHA6550-QXG Datasheet
637Kb / 18P
   17.0- 23.6GHz Power Amplifier
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
   17.7 - 19.7GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
   17.7-24GHz Medium Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 1.3W 17.7-19.7 GHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com