Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2305 Arkusz danych(PDF) 2 Page - Stanson Technology

Numer części ST2305
Szczegółowy opis  P Channel Enchancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2305 Arkusz danych(HTML) 2 Page - Stanson Technology

  ST2305 Datasheet HTML 1Page - Stanson Technology ST2305 Datasheet HTML 2Page - Stanson Technology ST2305 Datasheet HTML 3Page - Stanson Technology ST2305 Datasheet HTML 4Page - Stanson Technology ST2305 Datasheet HTML 5Page - Stanson Technology ST2305 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P Channel Enchancement Mode MOSFET
ST2305
-3.5A
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-10
V
Gate-Source Voltage
VGSS
+/-12
V
Continuous Drain Current (TJ=150℃) TA=25℃
TA=70℃
ID
-3.5
-2.8
A
Pulsed Drain Current
IDM
-10
A
Continuous Source Current (Diode Conduction)
IS
-1.6
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
120
℃/W
\
Page 2
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Podobny numer części - ST2305

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanson Technology
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST2305A VBSEMI-ST2305A Datasheet
502Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Stanson Technology
ST2305AS23RG STANSON-ST2305AS23RG Datasheet
147Kb / 6P
   P Channel Enhancement Mode MOSFET
More results

Podobny opis - ST2305

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanson Technology
ST2303 STANSON-ST2303 Datasheet
80Kb / 6P
   P Channel Enchancement Mode MOSFET
ST3403 STANSON-ST3403 Datasheet
148Kb / 7P
   P Channel Enchancement Mode MOSFET
ST2301 STANSON-ST2301 Datasheet
90Kb / 6P
   P Channel Enchancement Mode MOSFET
ST2304 STANSON-ST2304 Datasheet
80Kb / 6P
   N Channel Enchancement Mode MOSFET
ST2302 STANSON-ST2302 Datasheet
84Kb / 6P
   N Channel Enchancement Mode MOSFET
ST6006 STANSON-ST6006 Datasheet
201Kb / 8P
   N Channel Enchancement Mode MOSFET
logo
Supertex, Inc
AN01 SUTEX-AN01 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
logo
WOLFSPEED, INC.
C3M0040120J1 WOLFSPEED-C3M0040120J1 Datasheet
982Kb / 11P
   Silicon Carbide Power MOSFET C3MTM MOSFET Technology N-Channel Enchancement Mode
Rev. 0, October 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com