Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6006S Arkusz danych(PDF) 3 Page - Stanson Technology

Numer części ST6006S
Szczegółowy opis  N Channel Enchancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6006S Arkusz danych(HTML) 3 Page - Stanson Technology

  ST6006S Datasheet HTML 1Page - Stanson Technology ST6006S Datasheet HTML 2Page - Stanson Technology ST6006S Datasheet HTML 3Page - Stanson Technology ST6006S Datasheet HTML 4Page - Stanson Technology ST6006S Datasheet HTML 5Page - Stanson Technology ST6006S Datasheet HTML 6Page - Stanson Technology ST6006S Datasheet HTML 7Page - Stanson Technology ST6006S Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
N Channel Enchancement Mode MOSFET
ST6006S / ST6006
60V/60A
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V,ID=10uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=50uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=20V
100
nA
VDS=60V,VGS=0V
1
VDS=20V,VGS=0V
TJ=125℃
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
TJ=175℃
50
uA
On-State Drain Current
ID(on)
VDS=5V,VGS=10V
60
A
VGS=10V,ID=30A
12
16
VGS=10V,ID=30A
TJ=125℃
24
30
VGS=10V,ID=30A
TJ=175℃
31
37
Drain-source On-Resistance
RDS(on)
VGS=5V,ID=30A
14
19
Forward Transconductance
gfs
VDS=15V,ID=30A
49
S
Diode Forward Voltage
VSD
IF=60A,VGS=0V
1.6
V
Dynamic
Total Gate Charge
Qg
39
60
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
VDS=30V,VGS=10V
ID≡60A
10
nC
Input Capacitance
Ciss
2000
Output Capacitance
Coss
400
Reverse Transfer Capacitance
Crss
VDS=25V,VGS=0V
F=1MHz
115
pF
12
25
Turn-On Time
td(on)
tr
36
60
34
60
Turn-Off Time
td(off)
tf
VDD=10V,RL=5.5Ω
ID=3.6A,VGEN=4.5V
RG=6Ω
10
25
nS
Page3


Podobny numer części - ST6006S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
celduc-relais
ST600700 CELDUC-ST600700 Datasheet
97Kb / 2P
   AC BLINKING SSR
logo
STMicroelectronics
ST600K STMICROELECTRONICS-ST600K Datasheet
56Kb / 7P
   LOW VOLTAGE PNP POWER TRANSISTOR
ST600K STMICROELECTRONICS-ST600K Datasheet
56Kb / 7P
   LOW VOLTAGE NPN POWER TRANSISTOR
July 2005 Rev 1
logo
Cornell Dubilier Electr...
ST600V360J022 CDE-ST600V360J022 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST600V450J042 CDE-ST600V450J042 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
More results

Podobny opis - ST6006S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanson Technology
ST2304 STANSON-ST2304 Datasheet
80Kb / 6P
   N Channel Enchancement Mode MOSFET
ST2302 STANSON-ST2302 Datasheet
84Kb / 6P
   N Channel Enchancement Mode MOSFET
ST2303 STANSON-ST2303 Datasheet
80Kb / 6P
   P Channel Enchancement Mode MOSFET
ST2305 STANSON-ST2305 Datasheet
96Kb / 6P
   P Channel Enchancement Mode MOSFET
ST3403 STANSON-ST3403 Datasheet
148Kb / 7P
   P Channel Enchancement Mode MOSFET
ST2301 STANSON-ST2301 Datasheet
90Kb / 6P
   P Channel Enchancement Mode MOSFET
logo
Supertex, Inc
AN01 SUTEX-AN01 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
logo
WOLFSPEED, INC.
C3M0040120J1 WOLFSPEED-C3M0040120J1 Datasheet
982Kb / 11P
   Silicon Carbide Power MOSFET C3MTM MOSFET Technology N-Channel Enchancement Mode
Rev. 0, October 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com