Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4430BDY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4430BDY
Szczegółowy opis  N-Channel, 30-V (D-S) MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4430BDY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4430BDY Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification Comparison
Vishay Siliconix
Document Number 74061
www.vishay.com
06-May-05
Si4430BDY vs. Si4430DY
Description:
N-Channel, 30-V (D-S) MOSFET
Package:
SO-8
Pin Out:
Identical
Part Number Replacements:
Si4430BDY-T1-E3 Replaces Si4430DY-T1-E3
Si4430BDY-T1-E3 Replaces Si4430DY-T1
Summary of Performance:
The Si4430BDY is the replacement to the original Si4430DY; both parts perform identically, including limits to the parametric
tables below.
ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Si4430BDY
Si4430DY
Unit
Drain-Source Voltage
VDS
30
30
Gate-Source Voltage
VGS
+20
+20
V
TA = 25°C
20
23
Continuous Drain Current
TA = 70°C
ID
16
19
Pulsed Drain Current
IDM
60
60
Continuous Source Current
(MOSFET Diode Conduction)
IS
2.7
2.9
A
TA = 25°C
3.0
3.5
Power Dissipation
TA = 70°C
PD
2.0
2.2
W
Operating Junction & Storage Temperature Range
Tj & Tstg
-55 to 150
-55 to 150
°C
Maximum Junction-to-Ambient
RthJA
41
35
°C/W
SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Si4430BDY
Si4430DY
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Static
Gate-Threshold Voltage
VGS(th)
1.0
3.0
1.7
V
Gate-Body Leakage
IGSS
+100
+100
nA
Zero Gate Voltage Drain Current
IDSS
1
1
µA
On-State Drain Current
VGS = 10 V
ID(on)
40
30
A
VGS= 10 V
0.0037
0.0045
0.004
NS
Drain-Source On-Resistance
VGS = 4.5 V
rDS(on)
0.0048
0.006
0.0068
0.008
Forward Transconductance
gfs
80
80
S
Diode Forward Voltage
VSD
0.72
1.1
0.8
1.2
V
Dynamic
Total Charge
Qg
24
36
36
55
Gate-Source Charge
Qgs
10.5
15
Gate-Drain Charge
Qgd
7.5
12
nC
Gate Resistance
Rg
0.5
1.1
1.7
1.0
2.2
3.7
Switching
td(on)
20
30
20
30
Turn-On Time*
tr
14
22
15
23
td(off)
60
90
105
160
Turn-Off Time*
tf
18
30
40
60
Source-Drain Reverse Recovery Time
trr
35
50
50
80
ns


Podobny numer części - SI4430BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4430BDY-T1-E3 VBSEMI-SI4430BDY-T1-E3 Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results

Podobny opis - SI4430BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com