Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC541M Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74VHC541M
Szczegółowy opis  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC541M Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  74VHC541M Datasheet HTML 1Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 2Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 3Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 4Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 5Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 6Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 7Page - National Semiconductor (TI) 74VHC541M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF11639
November 1995
74VHC541
Octal BufferLine Driver with TRI-STATE
Outputs
General Description
The VHC541 is an advanced high-speed CMOS device fab-
ricated with silicon gate CMOS technology It achieves the
high-speed operation similar to equivalent Bipolar Schottky
TTL while maintaining the CMOS low power dissipation
The VHC541 is an octal bufferline driver designed to be
employed as memory and address drivers clock drivers and
bus oriented transmitterreceivers
This device is similar in function to the VHC244 while provid-
ing flow-through architecture (inputs on opposite side from
outputs) This pinout arrangement makes this device espe-
cially useful as an output port for microprocessors allowing
ease of layout and greater PC board density
An input protection circuit insures that 0V to 7V can be ap-
plied to the input pins without regard to the supply voltage
This device can be used to interface 5V to 3V systems and
two supply systems such as battery backup This circuit pre-
vents device destruction due to mismatched supply and in-
put voltages
Features
Y
Low power dissipation
ICC e 4 mA (max) at TA e 25 C
Y
High noise immunity VNIH e VNIL e 28% VCC (min)
Y
All inputs are equipped with a power down protection
function
Y
Balanced propagation delays tPLH j tPHL
Y
Low noise VOLP e 09V (typ)
Y
Pin and function compatible with 74HC541
Commercial
Package Number
Package Description
74VHC541M
M20B
20-Lead Molded JEDEC SOIC
74VHC541SJ
M20D
20-Lead Molded EIAJ SOIC
74VHC541MTC
MTC20
20-Lead Molded JEDEC Type 1 TSSOP
74VHC541N
N20A
20-Lead Molded DIP
Note
Surface mount packages are also available on Tape and Reel Specify by appending the suffix letter ‘‘X’’ to the ordering code
Logic Symbol
IEEEIEC
TLF11639 – 1
Connection Diagram
Pin Assignment for DIP
TSSOP and SOIC
TLF11639 – 2
Truth Table
Inputs
Outputs
OE1
OE2
I
LL
H
H
HX
X
Z
XH
X
Z
LL
L
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A


Podobny numer części - 74VHC541M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHC541M STMICROELECTRONICS-74VHC541M Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHC541M FAIRCHILD-74VHC541M Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC541M ONSEMI-74VHC541M Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74VHC541MTC FAIRCHILD-74VHC541MTC Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC541MTC ONSEMI-74VHC541MTC Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results

Podobny opis - 74VHC541M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com