Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD0805-B03340L Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części CD0805-B03340L
Szczegółowy opis  Schottky Barrier Chip Diode Series - 0805
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CD0805-B03340L Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

  CD0805-B03340L Datasheet HTML 1Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 2Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 3Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 4Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 5Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 6Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 7Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 8Page - List of Unclassifed Manufacturers CD0805-B03340L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Schottky Barrier Chip Diode Series - 0805
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
COPYRIGHT© 2003, BOURNS, INC. LITHO IN U.S.A. 10/03 e/IPA0303
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
Item
Symbol
0805
Carrier Width
A
1.55 ± 0.10
(0.061 - 0.004)
Carrier Length
B
2.30 ± 0.10
(0.091 - 0.004)
Carrier Depth
C
1.25 ± 0.10
(0.049 - 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 - 0.002)
Reel Outside Diameter
D
178
(7.008)
Reel Inner Diameter
D1
60.0
MIN.
(2.362)
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 - 0.004))
Punch Hole Position
F
3.50 ± 0.05
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.25 ± 0.05
(0.010 - 0.002)
Tape Width
W
8.00 ± 0.20
(0.315 - 0.008)
Reel Width
W1
13.5
MAX.
(0.531)
Quantity per Reel
--
3,000
REV. 01/06


Podobny numer części - CD0805-B03340L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD0805-B160 BOURNS-CD0805-B160 Datasheet
298Kb / 6P
   Switching Chip Diode Series - 0805 / 1206
More results

Podobny opis - CD0805-B03340L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD123D-B1XR BOURNS-CD123D-B1XR Datasheet
587Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com