Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8589J Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA8589J
Szczegółowy opis  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8589J Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA8589J Datasheet HTML 5Page - NXP Semiconductors TDA8589J Datasheet HTML 6Page - NXP Semiconductors TDA8589J Datasheet HTML 7Page - NXP Semiconductors TDA8589J Datasheet HTML 8Page - NXP Semiconductors TDA8589J Datasheet HTML 9Page - NXP Semiconductors TDA8589J Datasheet HTML 10Page - NXP Semiconductors TDA8589J Datasheet HTML 11Page - NXP Semiconductors TDA8589J Datasheet HTML 12Page - NXP Semiconductors TDA8589J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
2004 Feb 249
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
compared with a reference voltage. If the output voltage of
a channel is greater than the reference voltage, bit D2 of
the associated data byte is set and read by the
microcontroller during a read instruction. Note that the
value of this bit is only meaningful when there is no input
signal and the amplifier is not muted. Offset detection is
always enabled.
Speaker protection
If one side of a speaker is connected to ground, a missing
current protection is implemented to prevent damage to
the speaker. A fault condition is detected in a channel
when there is a mismatch between the power current in the
high side and the power current in the low side; during a
fault condition the channel will be switched off.
The load status of each channel can be read via the
I2C-bus: short to ground (one side of the speaker
connected to ground), short toVP (one side of the speaker
connected to VP), and shorted load.
Line driver mode
An amplifier can be used as a line driver by switching it to
low gain mode. In normal mode, the gain between
single-ended input and differential output (across the load)
is 26 dB. In low gain mode the gain between single-ended
input and differential output is 20 dB.
Input and AC ground capacitor values
The negative inputs to all four amplifier channels are
combined at pin ACGND. To obtain the best performance
for supply voltage ripple rejection and unwanted audible
noise, the value of the capacitor connected to pin ACGND
must be as close as possible to 4 times the value of the
input capacitor connected to the positive input of each
channel.
Load detection
DC-LOAD DETECTION
When DC-load detection is enabled, during the start-up
cycle, a DC-offset is applied slowly to the amplifier outputs,
and the output currents are measured. If the output current
of an amplifier rises above a certain level, it is assumed
that there is a load of less than 6
and bit D5 is reset in
the associated data byte register to indicate that a load is
detected.
Because the offset is measured during the amplifier
start-up cycle, detection is inaudible and can be performed
every time the amplifier is switched on.
AC-LOAD DETECTION
AC-load detection can be used to detect that AC-coupled
speakers are connected correctly during assembly. This
requires at least 3 periods of a 19 kHz sine wave to be
applied to the amplifier inputs. The amplifier produces a
peak output voltage which also generates a peak output
current through the AC-coupled speaker. The 19 kHz sine
wave is also audible during the test. If the amplifier detects
three current peaks that are greater than 550 mA, the
AC-load detection bit D1 of instruction byte IB1 is set to
logic 1. Three current peaks are counted to avoid false
AC-load detection which can occur if the input signal is
switched on and off. The peak current counter can be reset
by setting bit D1 of instruction byte IB1 to logic 0.
To guarantee AC-load detection, an amplifier current of
more than 550 mA is required. AC-load detection will
never occur with a current of less than 150 mA. Figure3
shows which AC loads are detected at different output
voltages. For example, if a load is detected at an output
voltage of 2.5 V peak, the load is less than4
. If no load
is detected, the output impedance is more than 14
.
LOAD DETECTION PROCEDURE
1. At start-up, enable the AC- or DC-load detection by
setting D1 of instruction byte 1 to logic 1.
10
102
Zo(load)
( )
1
Vo(peak) (V)
0
10
7.5
2.55
(2)
(1)
no load present
load present
undefined
Fig.3
Tolerance of AC-load detection as a
function of output voltage.
(1)IO(peak) =< 150 mA.
(2)IO(peak) => 550 mA.


Podobny numer części - TDA8589J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Podobny opis - TDA8589J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com