Zakładka z wyszukiwarką danych komponentów |
|
TDA2048 Arkusz danych(PDF) 3 Page - TEMIC Semiconductors |
|
TDA2048 Arkusz danych(HTML) 3 Page - TEMIC Semiconductors |
3 / 10 page TELEFUNKEN Semiconductors TDA4481-D Rev. A1: 23.02.1995 3 (10) Absolute Maximum Ratings Reference point Pin 11, unless otherwise specified Parameters Symbol Value Unit Supply voltage Pin 16 VS 10 ... 13.5 V Supply current Pin 16 I S 80 mA External voltages Pin 3,6 Pin 1,2,4,5,7,8,9,12, 13,14,15,16,17,18,19, Vext Vext V5 6 V V Power dissipation (in soldered position) Ptot 1 W Junction temperature Tj 125 C Ambient temperature range Tamb –25 to + 70 C Storage temperature range Tstg –25 to +125 C Thermal Resistance Parameters Symbol Value Unit Junction ambient RthJA 60 K/W Electrical Characteristics VS = 12 V, Tamb = 25 C, reference point Pin 20 (11), unless otherwise specified Parameters Test Conditions / Pins Symbol Min. Typ. Max. Unit Supply voltage range Pin 16 V S 10 13.5 V Supply current FM-operation AM-operation Pin 16 Pin 16 I S 65 55 mA Input DC voltage Pin 5 V o 4.4 V Output DC voltage Pin 7,9 V o 3.7 Standard switching voltage, Pin 6 Standard B/G Standard L converter operation V 1.9 0 3.5 2.3 2.7 1.5 V S V Standard switching current V 6 5 V I 20 A AGC range 65 dB AM-operation Min. sound carrier input voltage (AF-output voltage Pin 7, 9 –3 dB) Pin 18–19 v 50 V Audio output voltage m = 54 % Pin 7, 9 v 500 mV Harmonic distortion f = 32.4 MHz, Pin 7, 9 f mod = 1 kHz m = 30 % m = 80 % THD 0.3 1.0 1.0 2.5 % |
Podobny numer części - TDA2048 |
|
Podobny opis - TDA2048 |