Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1606XGAF Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części UC1606XGAF
Szczegółowy opis  65COM x 132SEG Matrix LCD Controller-Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

UC1606XGAF Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UC1606XGAF Datasheet HTML 2Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 3Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 4Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 5Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 6Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 9Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
ULTRACHIP
High-Voltage Mixed-Signal IC
©1999-2003
4
Product Specifications
PIN DESCRIPTION
Name
Type
Pins
Description
MAIN POWER SUPPLY
VDD
VDD2
VDD3
PWR
VDD2/VDD3 is the analog power supply and it should be connected to the
same power source. VDD is the digital power supply and it should be
connected to a voltage source that is no higher than VDD2/VDD3.
Minimize the trace resistance for VDD and VDD2/VDD3.
VSS
VSS2
GND
Ground. Connect VSS and VSS2 to the shared GND pin.
Minimize the trace resistance for VSS and VSS2.
LCD POWER SUPPLY
VB1+ VB1–
VB0+ VB0–
PWR
LCD Bias Voltages. These are the voltage sources to provide SEG
driving currents. These voltages are generated internally. Connect
capacitors of CBX value between VBX+ and VBX–.
The resistance of these four traces directly affects the SEG driving
strength of the resulting LCD module. Minimize the trace resistance is
critical in achieving high quality image.
VLCD-IN
VLCD-OUT
PWR
Main LCD Power Supply. Connect these pins together.
A by-pass capacitor CL is optional. When CL is used, connect CL
between VLCD and VSS, and keep the trace resistance under 300 Ohm.
NOTE
In COG applications, use one maximum width trace to connect VDD/VDD2/VDD3 to the LCM pad to
minimize trace resistance. However, to avoid noise cross-coupling, insert a slit, 0.2~0.3mm long,
between VDD/VDD2/VDD3. Same treatment for VSS/VSS2.
Recommended capacitor values:
CB: 150 ~ 250x LCD load capacitance or 1.0uF (2V), whichever is higher.
CL: 5nF ~ 20nF (16V) is appropriate for most applications.


Podobny numer części - UC1606XGAF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-102 ECM-UC1606T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-150 ECM-UC1606T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

Podobny opis - UC1606XGAF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
UC1701 ETC2-UC1701 Datasheet
529Kb / 51P
   Single-Chip, Ultra-Low Power 65COM by 132SEG Passive Matrix LCD Controller-Driver
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
   128COM x 240SEG Matrix LCD Controller-Driver
logo
Samsung semiconductor
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
   65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com