Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD05-12D5 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FDD05-12D5
Szczegółowy opis  DC-DC CONVERTER 5 ~ 6W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FDD05-12D5 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FDD05-12D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD05-12D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD05-12D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD05-12D5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTER
FDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
FDD05 - 05S
20~60 VDC
5 WATTS
+ 5 VDC
1000 mA
72%
FA
FDD05 - 12S
20~60 VDC
6 WATTS
+ 12 VDC
500 mA
72%
FA
FDD05 - 15S
20~60 VDC
6 WATTS
+ 15 VDC
400 mA
72%
FA
FDD05 - 05S1
9~18 VDC
5 WATTS
+ 5 VDC
1000 mA
63%
FA
FDD05 - 12S1
9~18 VDC
6 WATTS
+ 12 VDC
500 mA
68%
FA
FDD05 - 15S1
9~18 VDC
6 WATTS
+ 15 VDC
400 mA
68%
FA
FDD05 - 05S2
18~36 VDC
5 WATTS
+ 5 VDC
1000 mA
72%
FA
FDD05 - 12S2
18~36 VDC
6 WATTS
+ 12 VDC
500 mA
72%
FA
FDD05 - 15S2
18~36 VDC
6 WATTS
+ 15 VDC
400 mA
72%
FA
FDD05 - 05S3
36~72 VDC
5 WATTS
+ 5 VDC
1000 mA
72%
FA
FDD05 - 12S3
36~72 VDC
6 WATTS
+ 12 VDC
500 mA
72%
FA
FDD05 - 15S3
36~72 VDC
6 WATTS
+ 15 VDC
400 mA
72%
FA
FDD05 - 03S4
9~36 VDC
5 WATTS
+3.3 VDC
1500 mA
70%
FA
FDD05 - 05S4
9~36 VDC
5 WATTS
+ 5 VDC
1000 mA
72%
FA
FDD05 - 12S4
9~36 VDC
6 WATTS
+ 12 VDC
500 mA
72%
FA
FDD05 - 15S4
9~36 VDC
6 WATTS
+ 15 VDC
400 mA
72%
FA
FDD05 - 03S5
18~72 VDC
5 WATTS
+3.3 VDC
1500 mA
70%
FA
FDD05 - 05S5
18~72 VDC
5 WATTS
+ 5 VDC
1000 mA
72%
FA
FDD05 - 12S5
18~72 VDC
6 WATTS
+ 12 VDC
500 mA
72%
FA
FDD05 - 15S5
18~72 VDC
6 WATTS
+ 15 VDC
400 mA
72%
FA
FDD05 – 05 S 1
03 : 3.3V OUT
05
: 5V OUT
12
: 12V OUT
15
: 15V OUT
WATTAGE
S : SINGLE OUTPUT
D : DUAL OUTPUT
1: 9~18V IN
2: 18~36V IN
3: 36~72V IN
4: 9~36V IN
5: 18~72V IN
*: 20~60V IN
*=BLANK


Podobny numer części - FDD05-12D5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chinfa Electronics Ind....
FDD05-12D5 CHINFA-FDD05-12D5 Datasheet
168Kb / 4P
   DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
More results

Podobny opis - FDD05-12D5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com